Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C40S120CT Datasheet(PDF) 3 Page - Chip Integration Technology Corporation

Part # C40S120CT
Description  40A Trench Schottky Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

C40S120CT Datasheet(HTML) 3 Page - Chip Integration Technology Corporation

  C40S120CT Datasheet HTML 1Page - Chip Integration Technology Corporation C40S120CT Datasheet HTML 2Page - Chip Integration Technology Corporation C40S120CT Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
CITC reserves the right to make changes to this document and its products and specifications at any
time without notice.
Customers should obtain and confirm the latest product information and specifications before final
design, purchase or use.
CITC makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does CITC assume any liability for application assistance or customer product
design.
CITC does not warrant or accept any liability with products which are purchased or used for any
unintended or unauthorized application.
No license is granted by implication or otherwise under any intellectual property rights of CITC.
CITC products are not authorized for use as critical components in life support devices or systems
without express written approval of CITC.
http://www.citcorp.com.tw/
Tel:886-3-5600628
Fax:886-3-5600636
Add:Rm. 3, 2F., No.32, Taiyuan St., Zhubei City, Hsinchu County 302, Taiwan (R.O.C.)
C40S120CT
40A Trench Schottky Rectifier
Document ID : DS-11KEM
Revised Date : 2015/05/27
Revision : C7


Similar Part No. - C40S120CT

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
C40S100CT CITC-C40S100CT Datasheet
497Kb / 3P
   40A Trench Schottky Rectifier
More results

Similar Description - C40S120CT

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CF40S100CT CITC-CF40S100CT Datasheet
467Kb / 3P
   40A Trench Schottky Rectifier
logo
Diodes Incorporated
SDT40H120CT DIODES-SDT40H120CT_V01 Datasheet
750Kb / 6P
   40A TRENCH SCHOTTKY RECTIFIER
May 2022 Rev. 5 - 2
logo
Chip Integration Techno...
CB40S100CT CITC-CB40S100CT Datasheet
690Kb / 3P
   40A Trench Schottky Rectifier
C40S100CT CITC-C40S100CT Datasheet
497Kb / 3P
   40A Trench Schottky Rectifier
logo
Taiwan Semiconductor Co...
TSF40U100C TSC-TSF40U100C Datasheet
231Kb / 4P
   40A, 100V Trench Schottky Rectifier
logo
SeCoS Halbleitertechnol...
SBL40U120F SECOS-SBL40U120F Datasheet
268Kb / 2P
   120V, 40A Low VF Trench Barrier Schottky Rectifier
logo
Digitron Semiconductors
MBR4045WT DIGITRON-MBR4045WT Datasheet
142Kb / 2P
   40A SCHOTTKY RECTIFIER
MBR5025L DIGITRON-MBR5025L Datasheet
212Kb / 2P
   40A SCHOTTKY RECTIFIER
MBR4045PT DIGITRON-MBR4045PT Datasheet
149Kb / 2P
   40A SCHOTTKY RECTIFIER
logo
Diodes Incorporated
SBRT40V100CT DIODES-SBRT40V100CT_15 Datasheet
210Kb / 5P
   40A Trench SBR TRENCH SUPER BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com