Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS82582D37GE-400 Datasheet(PDF) 4 Page - GSI Technology

Part # GS82582D37GE-400
Description  288Mb SigmaQuad-IITM Burst of 4 SRAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS82582D37GE-400 Datasheet(HTML) 4 Page - GSI Technology

  GS82582D37GE-400 Datasheet HTML 1Page - GSI Technology GS82582D37GE-400 Datasheet HTML 2Page - GSI Technology GS82582D37GE-400 Datasheet HTML 3Page - GSI Technology GS82582D37GE-400 Datasheet HTML 4Page - GSI Technology GS82582D37GE-400 Datasheet HTML 5Page - GSI Technology GS82582D37GE-400 Datasheet HTML 6Page - GSI Technology GS82582D37GE-400 Datasheet HTML 7Page - GSI Technology GS82582D37GE-400 Datasheet HTML 8Page - GSI Technology GS82582D37GE-400 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Pin Description Table
Symbol
Description
Type
Comments
SA
Synchronous Address Inputs
Input
R
Synchronous Read
Input
Active Low
W
Synchronous Write
Input
Active Low
BW0–BW3
Synchronous Byte Writes
Input
Active Low
K
Input Clock
Input
Active High
K
Input Clock
Input
Active Low
TMS
Test Mode Select
Input
TDI
Test Data Input
Input
TCK
Test Clock Input
Input
TDO
Test Data Output
Output
VREF
HSTL Input Reference Voltage
Input
ZQ
Output Impedance Matching Input
Input
Qn
Synchronous Data Outputs
Output
Dn
Synchronous Data Inputs
Input
Doff
Disable DLL when low
Input
Active Low
CQ
Output Echo Clock
Output
CQ
Output Echo Clock
Output
VDD
Power Supply
Supply
1.8 V Nominal
VDDQ
Isolated Output Buffer Supply
Supply
1.8 V or 1.5 V Nominal
VSS
Power Supply: Ground
Supply
QVLD
Q Valid Output
Output
ODT
On-Die Termination
Input
Active High
NC
No Connect
GS82582D19/37GE-450/400/375/333
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.04 4/2016
4/26
© 2012, GSI Technology
Notes:
1. NC = Not Connected to die or any other pin
2. When ZQ pin is directly connected to VDDQ, output impedance is set to minimum value and it cannot be connected to ground or left
unconnected.
3. K and K cannot be set to VREF voltage.


Similar Part No. - GS82582D37GE-400

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS82582D37GE-400I GSI-GS82582D37GE-400I Datasheet
443Kb / 26P
   JEDEC-standard pinout and package
More results

Similar Description - GS82582D37GE-400

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS82582DT19GE-450 GSI-GS82582DT19GE-450 Datasheet
443Kb / 26P
   288Mb SigmaQuad-IITM Burst of 4 SRAM
GS82582D19GE-375 GSI-GS82582D19GE-375 Datasheet
443Kb / 26P
   288Mb SigmaQuad-IITM Burst of 4 SRAM
GS82582DT37GE-450I GSI-GS82582DT37GE-450I Datasheet
328Kb / 27P
   288Mb SigmaQuad-IITM Burst of 4 SRAM
GS82582DT19GE-450I GSI-GS82582DT19GE-450I Datasheet
328Kb / 27P
   288Mb SigmaQuad-IITM Burst of 4 SRAM
GS82582D37GE-333 GSI-GS82582D37GE-333 Datasheet
443Kb / 26P
   288Mb SigmaQuad-IITM Burst of 4 SRAM
GS82582D19GE-333 GSI-GS82582D19GE-333 Datasheet
443Kb / 26P
   288Mb SigmaQuad-IITM Burst of 4 SRAM
GS82582D19GE-450 GSI-GS82582D19GE-450 Datasheet
443Kb / 26P
   288Mb SigmaQuad-IITM Burst of 4 SRAM
GS82582D19GE-450I GSI-GS82582D19GE-450I Datasheet
443Kb / 26P
   288Mb SigmaQuad-IITM Burst of 4 SRAM
GS82582Q19GE-400 GSI-GS82582Q19GE-400 Datasheet
436Kb / 25P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582Q37GE-300 GSI-GS82582Q37GE-300 Datasheet
436Kb / 25P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com