Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1551-MAX1555 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1551-MAX1555
Description  SOT23 Dual-Input USB/AC Adapter 1-Cell LiBattery Chargers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1551-MAX1555 Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX1551-MAX1555 Datasheet HTML 1Page - Maxim Integrated Products MAX1551-MAX1555 Datasheet HTML 2Page - Maxim Integrated Products MAX1551-MAX1555 Datasheet HTML 3Page - Maxim Integrated Products MAX1551-MAX1555 Datasheet HTML 4Page - Maxim Integrated Products MAX1551-MAX1555 Datasheet HTML 5Page - Maxim Integrated Products MAX1551-MAX1555 Datasheet HTML 6Page - Maxim Integrated Products MAX1551-MAX1555 Datasheet HTML 7Page - Maxim Integrated Products MAX1551-MAX1555 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Precharge Current
The MAX1551/MAX1555 feature a precharge current to
protect deeply discharged cells. If VBAT is less than 3V,
the device enters precharge mode where charging cur-
rent is limited to 40mA.
Package Thermal Limiting
On-chip thermal limiting in the MAX1551/MAX1555 sim-
plifies PC board layout and allows charging rates to be
optimized without the limits imposed by worst-case bat-
tery and input voltages. The device reduces the power
dissipation at BAT to prevent overheating. This allows
the board design to be optimized for compact size and
typical thermal conditions. When the MAX1551/
MAX1555 thermal limits are reached, the chargers do
not shut down, but progressively reduce charging cur-
rent by 17mA/
°C above a die temperature of +110°C.
Solder the MAX1551/MAX1555s’ GND to a large
ground plane to help dissipate power and keep the die
temperature below the thermal limit. The USB charge
current of 100mA is unlikely to induce thermal limiting.
Bypass Capacitors
Use ceramic bypass capacitors at DC, USB, and BAT.
Mount these capacitors within 1cm of their respective
pins. X7R and X5R dielectrics are recommended.
Chip Information
TRANSISTOR COUNT: 541
PROCESS: BiCMOS
SOT23 Dual-Input USB/AC Adapter 1-Cell Li+
Battery Chargers
6
_______________________________________________________________________________________
MAX1551
(MAX1555)
DC
USB
BAT
AC ADAPTER
3.7V TO 7V
USB
3.7V TO 6V
TO SYSTEM
LOAD
Li+
GND
TO LOGIC RAIL
CHARGE
CONTROL
POK
(CHG)
LOGIC
CONTROL
C1
1
µF
C2
1
µF
C3
1
µF
R1
100k
INDICATES
THAT POWER
IS PRESENT
(EITHER DC
OR USB)
Typical Application Circuit


Similar Part No. - MAX1551-MAX1555

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1551EZK MAXIM-MAX1551EZK Datasheet
317Kb / 8P
   SOT23 Dual-Input USB/AC Adapter 1-Cell Li Battery Chargers
Rev 0; 7/03
MAX1551EZK-T MAXIM-MAX1551EZK-T Datasheet
317Kb / 8P
   SOT23 Dual-Input USB/AC Adapter 1-Cell Li Battery Chargers
Rev 0; 7/03
More results

Similar Description - MAX1551-MAX1555

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1551EZK MAXIM-MAX1551EZK Datasheet
317Kb / 8P
   SOT23 Dual-Input USB/AC Adapter 1-Cell Li Battery Chargers
Rev 0; 7/03
logo
Linear Technology
LTC4075 LINER-LTC4075_15 Datasheet
210Kb / 16P
   Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
LTC4075 LINER-LTC4075 Datasheet
188Kb / 16P
   Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
LTC4075X LINER-LTC4075X_15 Datasheet
210Kb / 16P
   Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
logo
Monolithic Power System...
MP26056 MPS-MP26056 Datasheet
396Kb / 11P
   28V, Li Single-Cell Battery Charger with USB/AC-Adapter Input
logo
Maxim Integrated Produc...
MAX1874 MAXIM-MAX1874_V01 Datasheet
906Kb / 17P
   Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
2007
logo
Anpec Electronics Corop...
APL3200 ANPEC-APL3200 Datasheet
385Kb / 24P
   Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
logo
Maxim Integrated Produc...
MAX1874 MAXIM-MAX1874 Datasheet
405Kb / 16P
   Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
Rev 0; 7/03
MAX8903A MAXIM-MAX8903A_13 Datasheet
1Mb / 30P
   2A 1-Cell Li DC-DC Chargers for USB and Adapter Power
Rev 5; 9/11
logo
Linear Technology
LTC4096 LINER-LTC4096_15 Datasheet
187Kb / 16P
   Dual Input Standalone Li-Ion Battery Chargers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com