Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS2AW Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # RS2AW
Description  2.0A GLASS PASSIVATED FAST RECOVERY DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

RS2AW Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  RS2AW Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd RS2AW Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Symbol
RS2AW RS2BW RS2DW RS2GW RS2JW RS2KW RS2MW
Unit
RS2AW-RS2MW
1 of 2
RS2AW-RS2MW
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
2.8±0.1
Cathode Band
Top View
3.7±0.2
0.6±0.25
SOD - 123FL
Dimensions in millimeters
2.0A GLASS PASSIVATED FAST RECOVERY DIODE
Characteristic
150
250
500
nS
1.3
V
-65 to +150
°C
35
70
140
280
420
560
700
V
50
100
200
400
600
800
1000
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
RMS Reverse Voltage
VR(RMS)
Average Rectified Output Current
@TL = 100°C
IO
2.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
50
A
Forward Voltage
@IF = 2.0A
VFM
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
10
500
µA
Reverse Recovery Time (Note 1)
trr
Typical Junction Capacitance (Note 2)
Cj
50
pF
Typical Thermal Resistance (Note 3)
RJL
90
°C/W
Operating and Storage Temperature Range
Tj, TSTG
Note: 1. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See figure 5.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC.
3. Mounted on P.C. Board with 8.0mm2 land area.
Weight: 0.01 grams (approx.)
Case: SOD-123FL, Molded Plastic
Surge Overload Rating to 50A Peak
Ultra-Fast Recovery Time
Ideally Suited for Automatic Assembly
Low Power Loss
Classification Rating 94V-O
Features
!
!
Low Forward Voltage Drop, High Efficiency
!
!
!
!
Plastic Case Material has UL Flammability
Mechanical Data
!
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
!
Lead Free: For RoHS / Lead Free Version
Glass passivated device
!
!
Alldatasheet


Similar Part No. - RS2AW

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
RS2AW CHENDA-RS2AW Datasheet
642Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
RS2AW YFWDIODE-RS2AW Datasheet
78Kb / 3P
   Surface MountFast Recovery Rectifiers
logo
Gaomi Xinghe Electronic...
RS2AW GXELECTRONICS-RS2AW Datasheet
441Kb / 2P
   Surface Mount Fast Recovery Rectifier
logo
Microdiode Electronics ...
RS2AW CHENDA-RS2AW Datasheet
932Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
RS2AW YFWDIODE-RS2AW Datasheet
413Kb / 3P
   Surface Mount Fast Recovery Rectifiers
More results

Similar Description - RS2AW

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
FR201G ZSELEC-FR201G Datasheet
118Kb / 2P
   2.0A GLASS PASSIVATED FAST RECOVERY DIODE
PR2001G ZSELEC-PR2001G Datasheet
134Kb / 2P
   2.0A GLASS PASSIVATED FAST RECOVERY DIODE
RS2ABF ZSELEC-RS2ABF Datasheet
109Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
logo
Won-Top Electronics
FR2A WTE-FR2A_06 Datasheet
53Kb / 4P
   2.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
logo
Zibo Seno Electronic En...
RS2AF ZSELEC-RS2AF Datasheet
109Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
logo
Diodes Incorporated
PR2001G DIODES-PR2001G_1 Datasheet
373Kb / 3P
   2.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27005 Rev. 4 - 2
logo
TAITRON Components Inco...
TF201G TAITRON-TF201G Datasheet
126Kb / 4P
   2.0A Glass Passivated Fast Recovery Rectifier
logo
Diodes Incorporated
PR2001G DIODES-PR2001G Datasheet
62Kb / 2P
   2.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27005 Rev. A1-2
logo
Frontier Electronics.
FR20-005G FRONTIER-FR20-005G Datasheet
131Kb / 2P
   2.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Zibo Seno Electronic En...
ES2AW ZSELEC-ES2AW Datasheet
107Kb / 2P
   2.0A GLASS PASSIVATED SUPERFAST RECOVERY DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com