Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS2J Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # RS2J
Description  2.0A SURFACE MOUNT FAST RECOVERY DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

RS2J Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  RS2J Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd RS2J Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Classification Rating 94V-O
Ultra-Fast Recovery Time
Low Power Loss
Surge Overload Rating to 50A Peak
Ideally Suited for Automatic Assembly
Characteristic
Symbol
RS2A RS2B
RS2D
RS2G
RS2J
RS2K
RS2M
Unit
Lead Free: For RoHS / Lead Free Version
Case: SMB/DO-214AA, Molded Plastic
150
250
500
nS
1.3
V
2.0A SURFACE MOUNT FAST RECOVERY
DIODE
-65 to +150
°C
35
70
140
280
420
560
700
V
50
100
200
400
600
800
1000
V
RS2A – RS2M
Features
!
!
Low Forward Voltage Drop, High Efficiency
!
!
!
!
Plastic Case Material has UL Flammability
                            
Mechanical Data
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
RMS Reverse Voltage
VR(RMS)
Average Rectified Output Current
@TL = 100°C
IO
2.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
50
A
Forward Voltage
@IF = 2.0A
VFM
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
10
500
µA
Reverse Recovery Time (Note 1)
trr
Typical Junction Capacitance (Note 2)
Cj
50
pF
Typical Thermal Resistance (Note 3)
RJL
30
°C/W
Operating and Storage Temperature Range
Tj, TSTG
Note: 1. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See figure 5.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC.
3. Mounted on P.C. Board with 8.0mm2 land area.
1 of 2
RS2A – RS2M
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
!
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
Dim
Min
Max
Min
Max
A
2.29
2.92
3.30
3.94
B
4.00
4.60
4.06
4.57
C
1.27
1.63
1.96
2.21
D
0.15
0.31
0.15
0.31
E
4.80
5.59
5.00
5.59
G
0.10
0.20
0.10
0.20
H
0.76
1.52
0.76
1.52
J
2.01
2.62
2.00
2.62
All Dimensions in mm
A
B
C
D
G
H
E
J
SMA
SMB
Weight:
!
SMA Weight: 0.064 grams (approx.)
SMB Weight: 0.093 grams (approx.)
Alldatasheet


Similar Part No. - RS2J

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
RS2J SSE-RS2J Datasheet
19Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
SUNMATE electronic Co.,...
RS2J SUNMATE-RS2J Datasheet
428Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
logo
Shanghai Shunye Electro...
RS2J SY-RS2J Datasheet
1,017Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shanghai Yint Electroni...
RS2J YINT-RS2J Datasheet
488Kb / 3P
   Surface Mount Fast Recovery Rectifiers
logo
Guangdong Juxing Electr...
RS2J JUXING-RS2J Datasheet
808Kb / 2P
   Surface Mount Fast Recovery Rectifiers
More results

Similar Description - RS2J

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
FR2A ZSELEC-FR2A Datasheet
124Kb / 2P
   2.0A SURFACE MOUNT FAST RECOVERY DIODE
FS2A ZSELEC-FS2A Datasheet
74Kb / 2P
   2.0A SURFACE MOUNT FAST RECOVERY DIODE
RS2ABF ZSELEC-RS2ABF Datasheet
109Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
logo
Won-Top Electronics
FR2A WTE-FR2A_06 Datasheet
53Kb / 4P
   2.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
logo
Zibo Seno Electronic En...
RS2AF ZSELEC-RS2AF Datasheet
109Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
logo
Won-Top Electronics
FR2A WTE-FR2A Datasheet
48Kb / 3P
   2.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
SMC Diode Solutions Co....
FR2A SMCDIODE-FR2A Datasheet
286Kb / 4P
   2.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev. A
logo
Zibo Seno Electronic En...
FR201 ZSELEC-FR201 Datasheet
116Kb / 2P
   2.0A FAST RECOVERY DIODE
logo
Won-Top Electronics
FR201 WTE-FR201_06 Datasheet
54Kb / 4P
   2.0A FAST RECOVERY DIODE
logo
SUNMATE electronic Co.,...
MMBD914 SUNMATE-MMBD914 Datasheet
120Kb / 2P
   2.0A Surface Mount Fast Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com