Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMA30A Datasheet(PDF) 4 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # P4SMA30A
Description  6.8 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

P4SMA30A Datasheet(HTML) 4 Page - Zibo Seno Electronic Engineering Co.,Ltd

  P4SMA30A Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd P4SMA30A Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd P4SMA30A Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd P4SMA30A Datasheet HTML 4Page - Zibo Seno Electronic Engineering Co.,Ltd P4SMA30A Datasheet HTML 5Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UNI/BI-DIRECTIONAL 6.8 to 440Volts 400W SMD TRANSIENT VOLTAGE SUPPRESSORS
4 of 5
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
P4SMA SERIES
P4SMA SERIES
P4SMA39
P4SMA39C
31.6
35.1
42.9
1.0
56.4
7.4
5.0
P4SMA39A
P4SMA39CA
33.3
37.1
41.0
1.0
53.9
7.8
5.0
P4SMA43
P4SMA43C
34.8
38.7
47.3
1.0
61.9
6.8
5.0
P4SMA43A
P4SMA43CA
36.8
40.9
45.2
1.0
59.3
7.1
5.0
P4SMA47
P4SMA47C
38.1
42.3
51.7
1.0
67.8
6.2
5.0
P4SMA47A
P4SMA47CA
40.2
44.7
49.4
1.0
64.8
5.0
5.0
P4SMA51
P4SMA51C
41.3
45.9
56.1
1.0
73.5
5.7
5.0
P4SMA51A
P4SMA51CA
43.6
48.5
53.6
1.0
70.1
6.0
5.0
P4SMA56
P4SMA56C
45.4
50.4
61.6
1.0
80.5
5.2
5.0
P4SMA56A
P4SMA56CA
47.8
53.2
58.8
1.0
77.0
5.5
5.0
P4SMA62
P4SMA62C
50.2
55.8
68.2
1.0
89.0
4.7
5.0
P4SMA62A
P4SMA62CA
0
58.9
65.1
1.0
85.0
5.0
5.0
P4SMA68
P4SMA68C
55.1
61.2
74.8
1.0
98.0
4.3
5.0
P4SMA68A
P4SMA68CA
58.1
64.6
71.4
1.0
92.0
4.6
5.0
P4SMA75
P4SMA75C
60.7
67.5
82.5
1.0
108
3.9
5.0
P4SMA75A
P4SMA75CA
64.1
71.3
78.8
1.0
103
4.1
5.0
P4SMA82
P4SMA82C
4
73.8
90.2
1.0
118
3.6
5.0
P4SMA82A
P4SMA82CA
70.1
77.9
86.1
1.0
113
3.7
5.0
P4SMA91
P4SMA91C
73.7
81.9
100
1.0
131
3.2
5.0
P4SMA91A
P4SMA91CA
77.8
86.5
95.5
1.0
125
3.4
5.0
P4SMA100
P4SMA100C
81.0
90.0
110
1.0
144
2.9
5.0
P4SMA100A P4SMA100CA
85.5
95.0
105
1.0
137
3.1
5.0
P4SMA110
P4SMA110C
89.2
99.0
121
1.0
158
2.7
5.0
P4SMA110A P4SMA110CA
Notes:
1. Suffix C denotes Bi-directional device.
2. VBR measured with IT current pulse = 300ms
3. For Bi-Directional devices havingVRWM of 10V and under, the IR is doubled.
P4SMA120
P4SMA120C
97.2
108
132
1.0
173
2.4
5.0
P4SMA120A P4SMA120CA
P4SMA130
P4SMA130C
P4SMA130A P4SMA130CA
P4SMA150
P4SMA150C
P4SMA150A P4SMA150CA
P4SMA160
P4SMA160C
P4SMA160A P4SMA160CA
P4SMA170
P4SMA170C
P4SMA170A P4SMA170CA
P4SMA180
P4SMA180C
P4SMA180A P4SMA180CA
Type Number
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
66.
53.
94.0
105
116
1.0
152
2.8
5.0
102
114
126
1.0
165
2.5
5.0
105
117
143
1.0
187
2.2
5.0
111
124
137
1.0
179
2.3
5.0
121
135
165
1.0
215
2.0
5.0
128
143
158
1.0
207
2.0
5.0
130
144
176
1.0
230
1.8
5.0
136
152
168
1.0
219
1.9
5.0
138
153
187
1.0
244
1.7
5.0
145
162
179
1.0
234
1.8
5.0
146
162
198
1.0
258
1.6
5.0
154
171
189
1.0
246
1.7
5.0
Alldatasheet


Similar Part No. - P4SMA30A

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
P4SMA30A SHUNYE-P4SMA30A Datasheet
301Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4SMA30A WTE-P4SMA30A Datasheet
65Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
DONGGUAN YOU FENG WEI E...
P4SMA30A YFWDIODE-P4SMA30A Datasheet
510Kb / 4P
   Surface mount transient voltage suppressor power 400 watts
logo
Silicon Standard Corp.
P4SMA30A SSC-P4SMA30A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
Central Semiconductor C...
P4SMA30A CENTRAL-P4SMA30A Datasheet
944Kb / 3P
   SURFACE MOUNT SILICON UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS 400 WATT, 5.0 THRU 220 VOLT
More results

Similar Description - P4SMA30A

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
SMAJ ZSELEC-SMAJ Datasheet
298Kb / 5P
   5.0 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
P6SMB ZSELEC-P6SMB Datasheet
104Kb / 5P
   6.8 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
3.0SMC ZSELEC-3.0SMC Datasheet
80Kb / 5P
   6.8 to 440Volts 3000Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
1.5SMC ZSELEC-1.5SMC Datasheet
80Kb / 5P
   6.8 to 440Volts 1500Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMBJ ZSELEC-SMBJ Datasheet
134Kb / 5P
   5.0 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
SMCJ ZSELEC-SMCJ Datasheet
105Kb / 5P
   5.0 to 440Volts 1500Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
P4FL5.0A ZSELEC-P4FL5.0A Datasheet
218Kb / 3P
   5.0 to 100Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
P4FL20A ZSELEC-P4FL20A Datasheet
193Kb / 3P
   5.0 to 100Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Rugao Dachang Electroni...
P4KE DACHANG-P4KE Datasheet
272Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
P6KE DACHANG-P6KE Datasheet
270Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com