Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KBL08 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. KBL08
Description  Ideal for printed circuit board .
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

KBL08 Datasheet(HTML) 2 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KBL005-KBL10, Rev. C
2001 Fairchild Semiconductor Corporation
Bridge Rectifiers
(continued)
Typical Characteristics
0
50
100
150
0
1
2
3
4
5
Ambient Temperature [ºC]
SINGLE PHASE
HALF WAVE
60HZ
RESISTIVE OR
INDUCTIVE LOAD
.375" 9.0 mm LEAD
LENGTHS
0.4
0.6
0.8
1
1.2
1.4
1.6
0.01
0.1
1
10
Forward Voltage, V
F [V]
Pulse Width = 200
µµµµS
2% Duty Cycle
T = 25 C
º
J
Pulse Width = 300
µµµµS
2% Duty Cycle
T = 25 C
º
A
0
204060
80
100
120
140
0.01
0.1
1
10
Percent of Rated Peak Reverse Voltage [%]
T = 100 C
º
A
T = 25 C
º
A
1
10
100
1000
0
100
200
Number of Cycles at 60Hz
Figure 1. Non-Repetitive Surge Current
Figure 2. Forward Current Derating Curve
Figure 3. Forward Voltage Characteristics
Figure 4. Reverse Current vs Reverse Voltage


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn