Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KBL08 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. KBL08
Description  Ideal for printed circuit board .
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

KBL08 Datasheet(HTML) 1 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KBL005-KBL10, Rev. C
2001 Fairchild Semiconductor Corporation
KBL005 - KBL10
Bridge Rectifiers
Absolute Maximum Ratings*
T
A
= 25°C unless otherwise noted
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Features
Ideal for printed circuit board .
Reliable low cost construction.
High surge current capability.
UL certified, UL #E96005.
Symbol
Parameter
Device
Units
V
F
Forward Voltage, per bridge @ 4.0 A
1.1
V
I
R
Reverse Current, total bridge @ rated V
R
T
A = 25°C
T
A = 100°C
5.0
500
µA
µA
Symbol
Parameter
Value
Units
PD
Power Dissipation
6.58
W
RθJA
Thermal Resistance, Junction to Ambient,* per leg
19
°C/W
RθJL
Thermal Resistance, Junction to Lead,* per leg
2.4
°C/W
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
KBL
+
~ ~
-
Symbol
Parameter
Value
Units
005
01
02
04
06
08
10
V
RRM
Maximum Repetitive Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Maximum RMS Bridge Input Voltage
35
70
140
280
420
560
700
V
V
R
DC Reverse Voltage
(Rated V
R)
50
100
200
400
600
800
1000
V
IF(AV)
Average Rectified Forward Current, @ TA = 50°C
4.0
A
I
FSM
Non-repetitive Peak Forward Surge Current
8.3 ms Single Half-Sine-Wave
200
A
T
stg
Storage Temperature Range
-55 to +150
°C
T
J
Operating Junction Temperature
-55 to +150
°C
Thermal Characteristics
*Device mounted on PCB with 0.375 " (9.5 mm) lead length and 0.5 x 0.5" (13 x 13 mm) copper pads.


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn