Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C20U60CT Datasheet(PDF) 3 Page - Chip Integration Technology Corporation

Part # C20U60CT
Description  20A High Power Trench Schottky Barrier Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

C20U60CT Datasheet(HTML) 3 Page - Chip Integration Technology Corporation

  C20U60CT Datasheet HTML 1Page - Chip Integration Technology Corporation C20U60CT Datasheet HTML 2Page - Chip Integration Technology Corporation C20U60CT Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
http://www.citcorp.com.tw/
Tel:886-3-5600628
Fax:886-3-5600636
Add:Rm. 3, 2F., No.32, Taiyuan St., Zhubei City, Hsinchu County 302, Taiwan (R.O.C.)
CITC reserves the right to make changes to this document and its products and specifi cations at any
time without notice.
Customers should obtain and confi rm the latest product information and specifi cations before fi nal
design, purchase or use.
CITC makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does CITC assume any liability for application assistance or customer product
design.
CITC does not warrant or accept any liability with products which are purchased or used for any
unintended or unauthorized application.
No license is granted by implication or otherwise under any intellectual property rights of CITC.
CITC products are not authorized for use as critical components in life support devices or systems
without express written approval of CITC.
■ Ordering / Packing Information
Part number
Case
C20U60CT
Q'TY/Tube (PCS)
Q'TY/Box (PCS)
Q'TY/Carton (PCS)
C20U60CTG
TO-220AB
50
1000
5000
Notes: 1. For packaging details please reference our website at http://www.citcorp .com.tw/tchinese /products /index.php
Halogen Free
HF
Notes:
Pb-Free
Pb
C20U60CT : Product type marking code
: CITC Logo
■ Marking Information
C20U60CT
Document ID : DS-11KIK
Revised Date : 2016/05/31
Revision : C
20A High Power Trench Schottky Barrier Rectifier
C20U60CT
Chip Integration Technology Corporation


Similar Part No. - C20U60CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
C20 STMICROELECTRONICS-C20 Datasheet
277Kb / 13P
   Memory Micromodules General Information for D1, D2 and C Packaging
logo
Powerbox
C20 POWERBOX-C20 Datasheet
2Mb / 2P
   1 WATTS 100-8KV SINGLE OUTPUT DC/DC INDUSTRIAL
logo
XP Power Limited
C20 XPPOWER-C20 Datasheet
981Kb / 12P
   MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
logo
TP-Link Technologies Co...
C20 TP-LINK-C20 Datasheet
982Kb / 5P
   AC750 Wireless Dual Band Router
C20 TP-LINK-C20 Datasheet
2Mb / 7P
   Wireless Dual Band Router
More results

Similar Description - C20U60CT

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
MBR2045CT-T CITC-MBR2045CT-T Datasheet
482Kb / 3P
   20A High Power Trench Schottky Barrier Rectifier
CF20U60CT CITC-CF20U60CT Datasheet
477Kb / 3P
   20A High Power Trench Schottky Barrier Rectifier
logo
SamHop Microelectronics...
SRD20L150PHD SAMHOP-SRD20L150PHD Datasheet
61Kb / 4P
   20A Trench Barrier Schottky Rectifier
logo
Chip Integration Techno...
CF20S60CT CITC-CF20S60CT Datasheet
502Kb / 3P
   20A High Power Schottky Barrier Rectifier
CF20L120CT CITC-CF20L120CT Datasheet
481Kb / 3P
   20A Trench Schottky Rectifier
CF20L45CT CITC-CF20L45CT Datasheet
468Kb / 3P
   20A Trench Schottky Rectifier
C20L60CT CITC-C20L60CT Datasheet
483Kb / 3P
   20A Trench Schottky Rectifier
logo
Diodes Incorporated
SDT20120CT DIODES-SDT20120CT Datasheet
756Kb / 7P
   20A TRENCH SCHOTTKY RECTIFIER
March 2022
SDT20B100CT DIODES-SDT20B100CT Datasheet
732Kb / 7P
   20A TRENCH SCHOTTKY RECTIFIER
March 2022
SDT20A120CT DIODES-SDT20A120CT Datasheet
703Kb / 6P
   20A TRENCH SCHOTTKY RECTIFIER
March 2022 Rev. 5 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com