Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B360W-S Datasheet(PDF) 2 Page - Chip Integration Technology Corporation

Part No. B360W-S
Description  3A Surface Mount Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

B360W-S Datasheet(HTML) 2 Page - Chip Integration Technology Corporation

  B360W-S Datasheet HTML 1Page - Chip Integration Technology Corporation B360W-S Datasheet HTML 2Page - Chip Integration Technology Corporation B360W-S Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
■ Rating and characteristic curves
.1
1.0
10
100
FIG.5 - TYPICAL REVERSE
CHARACTERISTICS
0
20
40
60
80
100
120
140
.01
O
T =125
J
C
T =25
J
OC
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
FIG.4-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
700
600
500
400
300
200
100
0
.01
.05
.1
.5
1
5
10
50
100
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
0.5
1.0
1.5
2.0
2.5
3.0
AMBIENT TEMPERATURE,( C)
0
0
20
40
60
80
100
120
140
160
180
200
0.1
1.0
.01
10
50
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
.1
.3
.5
.7
.9
1.1
1.3
1.5
3.0
B3100W-S
O
T =25 C
J
FIG.2-TYPICAL FORWARD
CHARACTERISTICS
FIG.3-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0
40
20
60
100
80
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
O
T =25 C
J
8.3ms Single Half
Sine Wave
JEDEC method
B320W-S THRU B3200W-S
3A Surface Mount Schottky Barrier Rectifiers
Document ID : DS-12K3P
Issued Date : 2010/05/05
Revised Date : 2012/05/31
Revision : C1


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn