Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-0930 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HCPL-0930
Description  High Speed Digital Isolators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0930 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HCPL-0930 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-0930 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-0930 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-0930 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-0930 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-0930 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-0930 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-0930 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-0930 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
HCPL-090J, HCPL-091J and HCPL-092J Narrow Body SOIC-16 Package
1
Pin 1 indent
8
0.228 (5.791)
0.244 (6.197)
0.386 (9.802)
0.394 (9.999)
0.152 (3.861)
0.157 (3.988)
0.013 (0.330)
0.020 (0.508)
0.040 (1.016)
0.060 (1.524)
0.050 (1.270)
0.060 (1.524)
0.054 (1.372)
0.068 (1.727)
0.004 (0.102)
0.010 (0.249)
0.016 (0.406)
0.050 (1.270)
0.010 (0.245)
0.020 (0.508)
0.008 (0.191)
0.010 (0.249)
x 45
°
0
° – 8° TYP
DIMENSIONS: INCHES (MILLIMETERS)
MIN
MAX
Package Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Capacitance (Input-Output)
[1]
C
I-O
pF
f = 1 MHz
Single Channel
1.1
Dual Channel
2.0
Quad Channel
4.0
Thermal Resistance
θ
JCT
°C/W
Thermocouple located at
8-Pin PDIP
150
center underside of package
8-Pin SOIC
240
Package Power Dissipation
P
PD
mW
8-Pin PDIP
150
8-Pin SOIC
150
Notes:
1. Single and dual channels device are considered two-terminal devices: pins 1-4 shorted and pins 5-8 shorted. Quad channel devices are considered
two-terminal devices: pins 1-8 shorted and pins 9-16 shorted.
This product has been tested for electrostatic sensitivity to the limits stated in the specifications. However, Agilent recommends that all integrated circuits
be handled with appropriate care to avoid damage. Damage caused by inappropriate handling or storage could range from performance degradation to
complete failure.


Similar Part No. - HCPL-0930

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0930 AVAGO-HCPL-0930 Datasheet
357Kb / 14P
   High Speed Digital Isolators 15 ns max. propagation delay
HCPL-0930-000E AVAGO-HCPL-0930-000E Datasheet
319Kb / 14P
   High Speed Digital Isolators
HCPL-0930-500 AVAGO-HCPL-0930-500 Datasheet
319Kb / 14P
   High Speed Digital Isolators
HCPL-0930-500E AVAGO-HCPL-0930-500E Datasheet
319Kb / 14P
   High Speed Digital Isolators
More results

Similar Description - HCPL-0930

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0931-500E AVAGO-HCPL-0931-500E Datasheet
357Kb / 14P
   High Speed Digital Isolators
HCPL-090J-000E AVAGO-HCPL-090J-000E Datasheet
357Kb / 14P
   High Speed Digital Isolators
HCPL-0930-000E AVAGO-HCPL-0930-000E Datasheet
319Kb / 14P
   High Speed Digital Isolators
logo
Texas Instruments
ISO7231C-Q1 TI1-ISO7231C-Q1 Datasheet
804Kb / 23P
[Old version datasheet]   HIGH SPEED, TRIPLE DIGITAL ISOLATORS
ISO7240CF TI1-ISO7240CF_12 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7230C TI-ISO7230C_09 Datasheet
691Kb / 25P
[Old version datasheet]   HIGH SPEED, TRIPLE DIGITAL ISOLATORS
ISO7230C-Q1 TI-ISO7230C-Q1_15 Datasheet
968Kb / 24P
[Old version datasheet]   HIGH SPEED, TRIPLE DIGITAL ISOLATORS
ISO7240C TI-ISO7240C_08 Datasheet
868Kb / 25P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7240CF-Q1 TI1-ISO7240CF-Q1 Datasheet
826Kb / 27P
[Old version datasheet]   HIGH-SPEED QUAD DIGITAL ISOLATORS
ISO7230C TI-ISO7230C Datasheet
744Kb / 23P
[Old version datasheet]   HIGH SPEED, TRIPLE DIGITAL ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com