Electronic Components Datasheet Search |
|
JMWR2103FZGM-D Datasheet(PDF) 3 Page - DDK Ltd. |
|
JMWR2103FZGM-D Datasheet(HTML) 3 Page - DDK Ltd. |
3 / 7 page Unit:mm http://www.ddknet.co.jp JM Series 3 ◎ Specifications and/or dimensions in this catalog are subject to change without notice. ◎ Your checking the latest specifications with our drawings would be highly appreciated. ○ Straight Plug P/N : JMSP1303M □ G-D Shell Size A B max. C max. φ D E 1 Fφ G 13 M181 46.5 26.5 3.0 ∼ 8.0 21 11.2 12.7 16 M221 48.8 30.5 3.0 ∼ 9.0 25 11.2 16.3 21 M261 51.8 34.0 8.0 ∼ 12.0 29 11.2 20.5 25 M301 54.1 37.5 9.6 ∼ 15.0 33 11.2 24.7 ○ Right Angle Plug ■ Plastic Hood Type Shell Size A B max. C max. φ D E 1 Fφ G 13 M181 48.5 24.0 7 ∼ 8.7 21 11.2 12.7 16 M221 50.5 27.9 8 ∼ 10.5 25 11.2 16.3 21 M261 52.5 32.1 10 ∼ 13.0 29 11.2 20.5 25 M301 55.5 35.3 14 ∼ 16.0 33 11.2 24.7 +0 -0.2 +0 -0.8 +0 -0.2 +0 -0.8 P/N : JMSP1303M □ GM-D ■ Metal Hood Type Shell Size A B max. C max. φ D φ E 1 F φ G 13 M181 52.5 42.5 7 ∼ 8.7 21 11.2 12.7 16 M221 57.0 46.5 8 ∼ 10.5 25 11.2 16.3 21 M261 60.5 50.7 10 ∼ 13.0 29 11.2 20.5 25 M301 66.0 53.4 14 ∼ 16.0 33 11.2 24.7 +0 -0.2 +0 -0.8 Shell Size A B max. C max. φ D E 1 Fφ G 13 M181 49.3 41.05 3.0 ∼ 8.0 21 11.2 12.7 16 M221 55.0 46.00 3.0 ∼ 9.0 25 11.2 16.3 21 M261 57.5 50.30 8.0 ∼ 12.0 29 11.2 20.5 25 M301 63.0 54.50 9.6 ∼ 15.0 33 11.2 24.7 +0 -0.2 +0 -0.8 ② ② ③ ③ ④ ④ ⑤ ⑤ ⑥ ⑥⑦ ① Connector Style SP : Straight Plug ② Shell Size 13, 16, 21 and 25 ③ Number of Contacts 03, 04, 05, 07, 10, 16, 19, 24, 28 and 32 ④ Contact Style M : Male Contact(Pin) F : Female Contact(Socket) ⑤ Alternate Insert Position Omit : Standard Position X, Y, Z : Alternate Insert Position ⑥ Contact Plating Omit : Silver Plating (Standard) G : Gold Plating ⑦ Finish D:Trivalent Chromium Treatment(Black) ① ① Connector Style SP : Straight Plug ② Shell Size 13, 16, 21 and 25 ③ Number of Contacts 03, 04, 05, 07, 10, 16, 19, 24, 28 and 32 ④ Contact Style M : Male Contact(Pin) F : Female Contact(Socket) ⑤ Alternate Insert Position Omit : Standard Position X, Y, Z : Alternate Insert Position ⑥ Contact Plating Omit : Silver Plating (Standard) G : Gold Plating ⑦ Hood M:Metal Hood ⑧ Finish D:Trivalent Chromium Treatment(Black) ⑦ ⑧ P/N : JMLP1303M □ G-D ■ Plastic Hood Type P/N : JMLP1303M □ GM-D ■ Metal Hood Type ② ② ③ ③ ④ ④ ⑤ ⑤ ⑥ ⑥⑦ ① Connector Style LP : Right Angle Plug ② Shell Size 13, 16, 21 and 25 ③ Number of Contacts 03, 04, 05, 07, 10, 16, 19, 24, 28 and 32 ④ Contact Style M : Male Contact(Pin) F : Female Contact(Socket) ⑤ Alternate Insert Position Omit : Standard Position X, Y, Z : Alternate Insert Position ⑥ Contact Plating Omit : Silver Plating (Standard) G : Gold Plating ⑦ Finish D:Trivalent Chromium Treatment(Black) ① ⑦ ⑧ ① ① ① Connector Style LP : Right Angle Plug ② Shell Size 13, 16, 21 and 25 ③ Number of Contacts 03, 04, 05, 07, 10, 16, 19, 24, 28 and 32 ④ Contact Style M : Male Contact(Pin) F : Female Contact(Socket) ⑤ Alternate Insert Position Omit : Standard Position X, Y, Z : Alternate Insert Position ⑥ Contact Plating Omit : Silver Plating (Standard) G : Gold Plating ⑦ Hood M:Metal Hood ⑧ Finish D:Trivalent Chromium Treatment(Black) Example part number shown |
Similar Part No. - JMWR2103FZGM-D |
|
Similar Description - JMWR2103FZGM-D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |