Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSDJ58A Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SSDJ58A
Description  200W Peak Power Surface Mount TVS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSDJ58A Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SSDJ58A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSDJ58A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSDJ58A Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSDJ58A Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Elektronische Bauelemente
SSDJ SERIES
5V ~ 170V
200W Peak Power Surface Mount TVS
02-Apr-2014 Rev. A
Page 3 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS(Rating TA=25°C unless otherwise specified)
Breakdown
Voltage VBR @ IT
Part Number
Marking
Code
Reverse
Stand-Off
Voltage
VRWM
Min
Max
Test
Current
Maximum
Clamping
Voltage
VC @IPP
Reverse
Leakage
IR @VRWM
Uni-
direction
Bi
-direction
Uni
Bi
V
V
V
µ
A
V
µ
A
SSDJ54A
SSDJ54CA
NE
DE
54
60.0
66.3
1
87.1
1
SSDJ58A
SSDJ58CA
NG
DG
58
64.4
71.2
1
93.6
1
SSDJ60A
SSDJ60CA
NK
DK
60
66.7
73.7
1
96.8
1
SSDJ64A
SSDJ64CA
NM
DM
64
71.1
78.6
1
103
1
SSDJ70A
SSDJ70CA
NP
DP
70
77.8
86.0
1
113
1
SSDJ75A
SSDJ75CA
NR
DR
75
83.3
92.1
1
121
1
SSDJ78A
SSDJ78CA
NT
DT
78
86.7
95.8
1
126
1
SSDJ85A
SSDJ85CA
NV
DV
85
94.4
104
1
137
1
SSDJ90A
SSDJ90CA
NX
DX
90
100
111
1
146
1
SSDJ100A
SSDJ100CA
NZ
DZ
100
111
123
1
162
1
SSDJ110A
SSDJ110CA
PE
EE
110
122
135
1
177
1
SSDJ120A
SSDJ120CA
PG
EG
120
133
147
1
193
1
SSDJ130A
SSDJ130CA
PK
EK
130
144
159
1
209
1
SSDJ150A
SSDJ150CA
PM
EM
150
167
185
1
243
1
SSDJ160A
SSDJ160CA
PP
EP
160
178
197
1
259
1
SSDJ170A
SSDJ170CA
PR
ER
170
189
209
1
275
1


Similar Part No. - SSDJ58A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSDJ SECOS-SSDJ_15 Datasheet
269Kb / 4P
   200W Peak Power Surface Mount TVS
More results

Similar Description - SSDJ58A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSDJ SECOS-SSDJ_15 Datasheet
269Kb / 4P
   200W Peak Power Surface Mount TVS
S2FL SECOS-S2FL Datasheet
311Kb / 4P
   5V ~ 220V 200W Peak Power Surface Mount TVS
SFS5 SECOS-SFS5_15 Datasheet
340Kb / 3P
   200W Peak Power TVS
SMAJ SECOS-SMAJ_18 Datasheet
554Kb / 4P
   Peak Power Surface Mount TVS
S6AF SECOS-S6AF Datasheet
271Kb / 4P
   Peak Power Surface Mount TVS
SMBJ SECOS-SMBJ_16 Datasheet
365Kb / 4P
   Peak Power Surface Mount TVS
SMA6J SECOS-SMA6J_18 Datasheet
313Kb / 3P
   Peak Power Surface Mount TVS
S4AF SECOS-S4AF Datasheet
287Kb / 4P
   Peak Power Surface Mount TVS
SMDJ SECOS-SMDJ Datasheet
340Kb / 4P
   3000W Peak Power Surface Mount TVS
SMAJ SECOS-SMAJ Datasheet
455Kb / 4P
   400W Peak Power Surface Mount TVS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com