Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3150TN Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS3150TN
Description  3.3V, DS3/E3/STS-1 Line Interface Unit
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3150TN Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS3150TN Datasheet HTML 1Page - Maxim Integrated Products DS3150TN Datasheet HTML 2Page - Maxim Integrated Products DS3150TN Datasheet HTML 3Page - Maxim Integrated Products DS3150TN Datasheet HTML 4Page - Maxim Integrated Products DS3150TN Datasheet HTML 5Page - Maxim Integrated Products DS3150TN Datasheet HTML 6Page - Maxim Integrated Products DS3150TN Datasheet HTML 7Page - Maxim Integrated Products DS3150TN Datasheet HTML 8Page - Maxim Integrated Products DS3150TN Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
DS3150
4 of 28
1. DETAILED DESCRIPTION
The DS3150 performs all the functions necessary for interfacing at the physical layer to DS3, E3, and
STS-1 lines. The device has independent receive and transmit paths and a built-in jitter attenuator
(Figure 1-1). The receiver performs clock and data recovery from a B3ZS- or HDB3-coded alternate mark
inversion (AMI) signal and monitors for loss-of-signal. The receiver optionally performs B3ZS/HDB3
decoding and outputs the recovered data in either NRZ or bipolar format. The transmitter accepts data in
either NRZ or bipolar format, optionally performs B3ZS/HDB3 encoding, and drives standards-compliant
waveforms onto the outgoing 75Ω coaxial cable. The jitter attenuator can be mapped into the receiver
data path, mapped into the transmitter data path, or disabled. The DS3150 conforms to the
telecommunication standards listed in Table 1-A. Figure 1-2 shows the external components required for
proper operation.
Figure 1-1. Block Diagram
Analog
Loopback
Pre
Amp
Filter/
Equalizer
(Analog
Loss Of
Signal
Detect)
Clock &
Data
Recovery
Line
Driver
Wave-
Shaping
Clock
Invert
Clock
Invert
RX+
RX-
TX+
TX-
TTS
PRBS
LBO
ZCSE
ICE
TPOS/TNRZ
TCLK
TNEG
TESS
RNEG/RLCV
RCLK
RPOS/RNRZ
LOS
MCLK
RMON
Remote
Loopback
EFE
VDD
VSS
Power
Connections
Test Functions
TDS0
TDS1
B3ZS/
HDB3
Encoder
AIS/
1010.../
PRBS
Generation
PRBS
Detector
B3ZS/HDB3
Decoder
Digital Loss Of
Signal Detector
Squelch
Driver
Monitor
Output Decode
Loopback Control
DM
LBKS
DS3150


Similar Part No. - DS3150TN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3150DK MAXIM-DS3150DK Datasheet
432Kb / 12P
   On-board oscillators serve as local timing sources for DS3 and E3 operation
070202
More results

Similar Description - DS3150TN

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73LC00 EXAR-XRT73LC00 Datasheet
336Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT7300 EXAR-XRT7300 Datasheet
608Kb / 55P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A Datasheet
410Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73L00A EXAR-XRT73L00A Datasheet
597Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00AIV-F EXAR-XRT73LC00AIV-F Datasheet
517Kb / 61P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A_08 Datasheet
394Kb / 63P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC04A EXAR-XRT73LC04A_08 Datasheet
431Kb / 64P
   4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73R06 EXAR-XRT73R06 Datasheet
662Kb / 68P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT75VL00D EXAR-XRT75VL00D_08 Datasheet
842Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT73L03A EXAR-XRT73L03A Datasheet
837Kb / 62P
   3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com