Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSDJ30A Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSDJ30A
Description  200W Peak Power Surface Mount TVS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSDJ30A Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSDJ30A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSDJ30A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSDJ30A Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSDJ30A Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SSDJ SERIES
5V ~ 170V
200W Peak Power Surface Mount TVS
02-Apr-2014 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen-free and lead-free
FEATURES
For surface mounted applications in order to optimize board space
Low profile package
Excellent clamping capability
IEC61000-4-2 ESD 15kV Air,8kV contact compliance
Protects one I/O line
MECHANICAL DATA
Epoxy : UL94-V0 rated flame retardant
Case : Molded plastic
Terminals :Tin Plated, solderable per MIL-STD-750,Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight : Approximated 0.0155 gram
APPLICATION
Personal digital assistants (PDA)
Cellular handsets & Accessories
Portable devices
Portable instrumentation
Handhelds and notebooks We declare that the material of product is
Digital cameras
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOD-123RL
3K
7’ inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Ratings
Symbol
Value
Units
Peak Power Dissipation @ TA=25°C, T P=1ms
1
PPK
200 (Min.)
W
Steady State Power Dissipation at TL=75°C
2
PM(AV)
0.5
W
Peak Forward Surge Current @ 8.3ms single Half Sine-Wave
superimposed on rated load(JEDEC method)
3
IFSM
20
A
Operating and Storage Temperature Range
TJ, TSTG
-55 ~ 150, -55~175
°C
Notes:
1.
Non-repetitive current pulse, per Fig. 3 and derated above TA=25°C per Fig. 2.
2.
8.0mm
2 (.013mm thick) land areas
3.
8.3ms single half sine-wave, duty cycle= 4 pulses per minutes maximum.
SOD-123RL
E
F
B
C
D
A
G
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.60
3.10
E
0.10
0.30
B
1.60
2.00
F
0.75
0.95
C
0.90
1.25
G
0.8 Typ.
D
3.50
3.90


Similar Part No. - SSDJ30A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSDJ SECOS-SSDJ_15 Datasheet
269Kb / 4P
   200W Peak Power Surface Mount TVS
More results

Similar Description - SSDJ30A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSDJ SECOS-SSDJ_15 Datasheet
269Kb / 4P
   200W Peak Power Surface Mount TVS
S2FL SECOS-S2FL Datasheet
311Kb / 4P
   5V ~ 220V 200W Peak Power Surface Mount TVS
SFS5 SECOS-SFS5_15 Datasheet
340Kb / 3P
   200W Peak Power TVS
SMAJ SECOS-SMAJ_18 Datasheet
554Kb / 4P
   Peak Power Surface Mount TVS
S6AF SECOS-S6AF Datasheet
271Kb / 4P
   Peak Power Surface Mount TVS
SMBJ SECOS-SMBJ_16 Datasheet
365Kb / 4P
   Peak Power Surface Mount TVS
SMA6J SECOS-SMA6J_18 Datasheet
313Kb / 3P
   Peak Power Surface Mount TVS
S4AF SECOS-S4AF Datasheet
287Kb / 4P
   Peak Power Surface Mount TVS
SMDJ SECOS-SMDJ Datasheet
340Kb / 4P
   3000W Peak Power Surface Mount TVS
SMAJ SECOS-SMAJ Datasheet
455Kb / 4P
   400W Peak Power Surface Mount TVS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com