Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSG07N10J Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG07N10J
Description  N-Ch Enhancement Mode Power MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG07N10J Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSG07N10J Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG07N10J Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG07N10J Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
SSG07N10J
7A , 100V , RDS(ON) 28m
N-Ch Enhancement Mode Power MOSFET
10-Feb-2017 Rev. B
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Q07N10
A
H
B
M
D
C
J
K
F
L
E
N
G
RoHS Compliant Product
A suffix of “-C” specifies halogen free
DESCRIPTION
SSG07N10J is the highest performance trench N-ch
MOSFETs with extreme high cell density, which provide
excellent RDS(on) and gate charge for most of the synchronous
buck converter applications. 100% EAS guaranteed with full
function reliability approved.
FEATURES
Advanced High Cell Density Trench Technology
Super Low Gate Charge
100% EAS Guaranteed
Green Device Available
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOP-8
4K
13 inch
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
100
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
ID
7
A
Pulsed Drain Current
IDM
28
A
Single Pulse Avalanche Energy
1
EAS
16
mJ
Total Power Dissipation
PD
1.4
W
Thermal Resistance from Junction to Ambient
RθJA
89
°C/ W
Lead Temperature for Soldering Purposes@1/8’’ form case for 10s
TL
260
°C
Junction and Storage Temperature Range
TJ, TSTG
150, -55~150
°C
Notes:
1.
EAS condition: VDD=25V,L=0.1mH,RG=25 ,Starting TJ=25°C.
Date Code
G
S
S
S
D
D
D
D
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
5.80
6.20
H
0.33
0.51
B
4.700
5.10
J
0.375 REF.
C
3.80
4.00
K
45°REF.
D
L
1.35
1.75
E
0.40
1.27
M
0.10
0.25
F
0.17
0.25
N
0.25 REF.
G
1.27 TYP.
SOP-8


Similar Part No. - SSG07N10J

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG07N10J-C SECOS-SSG07N10J-C Datasheet
282Kb / 3P
   N-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SSG07N10J

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSRF03N80SL SECOS-SSRF03N80SL Datasheet
600Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SMS6001 SECOS-SMS6001 Datasheet
662Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSM01N60SL SECOS-SSM01N60SL Datasheet
557Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SSRF08N70SL SECOS-SSRF08N70SL Datasheet
472Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SSU07N65SL SECOS-SSU07N65SL Datasheet
568Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SSPS924NE SECOS-SSPS924NE Datasheet
630Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD30N15 SECOS-SSD30N15_15 Datasheet
445Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD40N04 SECOS-SSD40N04_15 Datasheet
386Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD50N10 SECOS-SSD50N10_15 Datasheet
574Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD60N04 SECOS-SSD60N04_15 Datasheet
151Kb / 2P
   N-Ch Enhancement Mode Power MOSFET
SSPS922NE SECOS-SSPS922NE_15 Datasheet
538Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com