Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN-90 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # AN-90
Description  74C Family Characteristics
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN-90 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  AN-90 Datasheet HTML 1Page - Fairchild Semiconductor AN-90 Datasheet HTML 2Page - Fairchild Semiconductor AN-90 Datasheet HTML 3Page - Fairchild Semiconductor AN-90 Datasheet HTML 4Page - Fairchild Semiconductor AN-90 Datasheet HTML 5Page - Fairchild Semiconductor AN-90 Datasheet HTML 6Page - Fairchild Semiconductor AN-90 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TEMPERATURE CHARACTERISTICS
Figure 9 and Figure 10 give temperature variations in drain
characteristics for the N-channel and P-channel devices op-
erating at V
CC = 5.0V and VCC = 10V respectively. As can be
seen from these curves the output sink and source current
decreases as temperature increases. The effect is almost
linear and can be closely approximated by a temperature co-
efficient of −0.3% per degree centigrade.
Since the t
pd can be entirely attributed to rise and fall time,
the temperature dependence of t
PD is a function of the rate
at which the output load capacitance can be charged and
discharged. This in turn is a function of the sink/source cur-
rent which was shown above to vary as −0.3% per degree
centigrade. Consequently we can say that t
pd varies as
−0.3% per degree centigrade. Actual measurements of t
pd
with temperature verifies this number.
The drain characteristics of
Figure 9 and Figure 10 show
considerable variation with temperature. Examination of the
transfer characteristics of
Figure 11 indicates that they are
almost independent of temperature. The transfer character-
istic is not dependent on temperature because although both
the N-channel and P-channel device characteristics change
with temperature these changes track each other closely.
The proof of this tracking is the temperature independence
of the transfer characteristics. Noise margin and maximum/
minimum logic levels will then not be dependent on tempera-
ture.
As discussed previously power consumption is a function of
C
PD,CL,VCC, f and ILEAKAGE. All of these terms are essen-
tially constant with temperature except I
LEAKAGE. However,
the leakage current specified on each 54C/74C device ap-
plies across the entire temperature range and therefore rep-
resents a worst case limit.
AN006021-12
(A) Typical Output Drain Characteristic (N-Channel)
AN006021-13
(B) Typical Output Drain Characteristic (P-Channel)
FIGURE 9.
AN006021-14
(A) Typical Output Drain Characteristic (N-Channel)
AN006021-15
(B) Typical Output Drain Characteristic (P-Channel)
FIGURE 10.
AN006021-16
FIGURE 11. Typical Gate Transfer Characteristics
www.fairchildsemi.com
6


Similar Part No. - AN-90

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-9005 FAIRCHILD-AN-9005 Datasheet
1Mb / 13P
   Driving and Layout Design for Fast Switching Super-Junction MOSFETs
AN-9008 FAIRCHILD-AN-9008 Datasheet
124Kb / 9P
   The Use of QFETs in a Flyback Converter
AN-9010 FAIRCHILD-AN-9010 Datasheet
973Kb / 17P
   MOSFET Basics
AN-9016 FAIRCHILD-AN-9016 Datasheet
1,001Kb / 18P
   IGBT Basics
logo
National Semiconductor ...
AN-902 NSC-AN-902 Datasheet
209Kb / 10P
   Twisted Pair FDDI Magnetics Overview and Recommendations
More results

Similar Description - AN-90

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HCMOS PHILIPS-HCMOS Datasheet
87Kb / 19P
   HCMOS family characteristics
March 1988
logo
Fairchild Semiconductor
LVDS FAIRCHILD-LVDS Datasheet
212Kb / 2P
   LVDS Description and Family Characteristics
logo
STMicroelectronics
ACST1635-8FP STMICROELECTRONICS-ACST1635-8FP Datasheet
138Kb / 13P
   Characteristics
logo
New Jersey Semi-Conduct...
OA126 NJSEMI-OA126 Datasheet
108Kb / 2P
   Characteristics
logo
Freescale Semiconductor...
MC9S12C128V1 FREESCALE-MC9S12C128V1 Datasheet
2Mb / 690P
   MC9S12C Family MC9S12GC Family Reference Manual
logo
Pericom Semiconductor C...
PI7C9X2G808PR PERICOM-PI7C9X2G808PR Datasheet
752Kb / 1P
   GreenPacket Family
logo
Rohm
BR25S128GUZ-W ROHM-BR25S128GUZ-W_12 Datasheet
626Kb / 27P
   EEPROM family
logo
Zilog, Inc.
Z8018X ZILOG-Z8018X Datasheet
1Mb / 326P
   Family MPU
logo
Nuvoton Technology Corp...
NANO102 NUVOTON-NANO102 Datasheet
3Mb / 100P
   NuMicro??Family
logo
Microchip Technology
PIC18F66J10-I MICROCHIP-PIC18F66J10-I Datasheet
6Mb / 410P
   PIC18F87J10 Family
03/26/09
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com