Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


AD16315 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part No. AD16315
Description  1/4-to 1/12 Duty VFD Controller/Driver
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 5 page
background image

  
 
  
  
    
"!"
!
    !  3
")/<)°2(!''"+%%+%!(!++")!(!##"!''#$%!


!"




   
!)0
&'#&'-(9)0"%* !''
!
&0   
!)1
&'#&'-(9)1"/%*

!
&0   
!)1
)*(9)1 "*
)+
!
 
9)0 
!)"!''#!(
1:11,:1,
)+$
*
 
9)0
!)"!''#!(DD-
1.:D 1 -:D"
%
*
  5 
9)1#2
!)"!''#$%!( --
)
µ*
>0  
B1
 
)
%
)
5Ω
9
9(
!("!''!++
±
µ*
   
!(0
)+<!''
!
&0   
!(1
)+$!''
!
     
!0
2&(((134
)+$%
!
   
9''
H (  --
%
*
!
 "# ! !   3
")/<)°2(!''"+%%+%!(!##"#$)!


!"




>  -C
-)+
B";5Ω
$%)
%))
%)
5@
304
$))

.   
341
2&)*
21"%8(B1")5Ω
))

40
:;::;:

µ1
B 
40
21"$))8
<$<$&
:<$:<$
)+%
µ1
8 
04
21"$))8(1 (D
)
µ1
 5-C
856
 "%)G

@
9   
2(
%
8




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ML921356-Bit Duplex/Triplex 1/2 duty/1/3 duty VFD Controller/Driver with Anode Digital Dimming 1 2 3 4 5 MoreOKI electronic componets
AD73121/4 to 1/11 Duty VFD Controller/Driver & Standby Master/Slave 1 2 3 4 5 MoreList of Unclassifed Manufacturers
HT165151/4 to 1/12 Duty VFD Controller 1 2 3 4 5 MoreHoltek Semiconductor Inc
MSC1210Clock For 1/2 Duty VFD 1 2 3 4 5 MoreOKI electronic componets
HT165111/8 to 1/16 Duty VFD Controller 1 2 3 4 5 MoreHoltek Semiconductor Inc
LC75725E1/4 to 1/11 Duty Dynamic Drive VFD Driver 1 2 3 4 5 MoreSanyo Semicon Device
AD63151/4- to 1/12 Duty VFD Controller/Driver 1 2 3 4 5 MoreAnachip Corp
LC7573N1/2 Duty VFD Driver for Frequency Display 1 2 3 4 5 MoreSanyo Semicon Device
HT165121/4 to 1/11 Duty VFD Controller 1 2 3 4 5 MoreHoltek Semiconductor Inc
AD163111/8 TO 1/16 DUTY VFD CONTROLLER/DRIVER 1 2 3 4 5 MoreAnachip Corp

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl