Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE1735 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE1735
Description  Integrated Circuit Module, 3 Output Positive Voltage Regulator for VCR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE1735 Datasheet(HTML) 1 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE1735
Integrated Circuit
Module, 3 Output Positive Voltage
Regulator for VCR
Features:
D 3 Outputs
D Cutoff Function
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Maximum DC Input Voltage, VIN (DC) Max
VO1
40V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VO2, VO3, VO4
35V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Average Output Current, IO Max
VO1, VO 2
1.0A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VO3, VO 4
1.5A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Peak Output Current (0.2sec max), IO Max
2.5A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Case Temperature, TC Max
+105
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction Temperature, TJ Max
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–30
° to +105°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Case, RthJC
4.5
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Test Conditions
VO1
VO2
VO3
VO4
Unit
Output Voltage Setting
Condition 1, Note 1
16.0
±0.3
12.0
±0.1 11.9±0.1
V
Condition 1, Note 2
12.0
±0.3 12.0±0.1 11.9±0.1
V
Ripple Voltage
Condition 2
20
20
5
5
mVp–p Max
Temperature Coefficient
Condition 1
0.02
0.05
0.02
0.02
%/
°C Max
Input Regulation
Condition 3
35
50
35
35
mV/V Max
Load Regulation
Condition 4
40
100
35
35
mV/A Max
Minimum Input–Output Voltage
Difference
Condition 5
2.5
1.2
1.2
1.2
V Max
Minimum Output Current
10
mA Min
VO1/VO2 Select
Condition 1, Note 1
ON
Condition 1, Note 2
ON
Output ON
Condition 1, Note 1
VO1 or VO2, VO3 ON
Condition 1, Note 2
VO1 or VO2, VO3 OFF
Condition 1, Note 3
VO4 is always ON
Note 1. Pin11 or Pin13 is at High Level (3V to 15V).
Note 2. Pin11 or Pin13 is at Low Level (
≤ 1.2V).
Note 3. Pin11 or Pin13 is at High Level, Pin14 is at Low Level


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn