Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ5243BG Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # MMSZ5243BG
Description  500mW SURFACE MOUNT ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

MMSZ5243BG Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  MMSZ5243BG Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd MMSZ5243BG Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd MMSZ5243BG Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MMSZ 5221BG- MMSZ 5260BG
Z ibo Seno Electronic Engineering Co., Ltd.
SOD-123
Dimensions in inch & mm
Case: SOD-123, Molded Plastic
Lead Free: For RoHS / Lead Free Version
500mW SURFACE MOUNT ZENER DIODE
Features
·
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Polarity: Cathode Band
·
Approx. Weight: 0.01 grams
Mechanical Data
Maximum Ratings
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 1)
Pd
500
mW
Forward Voltage @ IF = 10mA
VF
0.9
V
Thermal Resistance, Junction to Ambient Air (Note 2)
RqJA
350
K/W
Operating and Storage Temperature Range
Tj,TSTG
-55 to +150
°C
·
Planar Die Construction
·
Sealed Glass Case
·
Ideally Suited for Automated Insertion
·
2.4V - 43V Nominal Zener Voltages
@ TA = 25°C unless otherwise specified
1 of 3
www.senocn.com
·
.109(2.80)
. 151(3. 85)
. 138(3. 55)
.101(2.60)
. 0022(0. 056)
. 0025(0. 064)
.018(0.45)
.010(0.25)
CA TH O D E
NOTE: 1.DEVICE MOUNTED ON CERAMIC PCB:7.6mm x 9.4mm x 0.87mm WITH PAD AREAS 25mm2.
2.TESTED WITH PULSES,TP≦1.0ms.
MMSZ 5221BG- MMSZ 5260BG
Alldatasheet


Similar Part No. - MMSZ5243BG

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ5243B PANJIT-MMSZ5243B Datasheet
82Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotech Company.
MMSZ5243B DIOTECH-MMSZ5243B Datasheet
889Kb / 3P
   SURFACE MOUNT ZENER DIODE
logo
Pan Jit International I...
MMSZ5243B PANJIT-MMSZ5243B Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
SeCoS Halbleitertechnol...
MMSZ5243B SECOS-MMSZ5243B Datasheet
465Kb / 3P
   500mW, SOD-123 Series Surface Mount Zener Diodes
logo
Pan Jit International I...
MMSZ5243B PANJIT-MMSZ5243B Datasheet
107Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - MMSZ5243BG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMSZ5221B DIODES-MMSZ5221B_09 Datasheet
92Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 23 - 2
MMSZ5263B DIODES-MMSZ5263B Datasheet
86Kb / 3P
   500mW SURFACE MOUNT ZENER DIODE
MMSZ5221B DIODES-MMSZ5221B_1 Datasheet
99Kb / 4P
   500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 18 - 2
MMSZ5221B DIODES-MMSZ5221B_15 Datasheet
106Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
BZT52C12 WTE-BZT52C12 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
MMSZ4682 WTE-MMSZ4682 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
MMSZ4706 WTE-MMSZ4706 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
MMSZ5221B DIODES-MMSZ5221B Datasheet
61Kb / 3P
   500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 7 - 2
logo
Won-Top Electronics
BZT52C11 WTE-BZT52C11 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
MMSZ5221B WTE-MMSZ5221B Datasheet
75Kb / 4P
   500mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
ZMM5245B-7 DIODES-ZMM5245B-7 Datasheet
82Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com