Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMSZ5237BG Datasheet(PDF) 3 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part No. MMSZ5237BG
Description  500mW SURFACE MOUNT ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Homepage  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

MMSZ5237BG Datasheet(HTML) 3 Page - Zibo Seno Electronic Engineering Co.,Ltd

  MMSZ5237BG Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd MMSZ5237BG Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd MMSZ5237BG Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Characteristics (Tj=25℃ unless otherwise specified)
Z ibo Seno Electronic Engineering Co., Ltd.
3 of 3
www.senocn.com
NORMAL ZENER VOLTAGE,VOLTS
Fig.4-TYPICAL LEAKAGE CURRENT
VZ,ZENER VOLTAGE(VOLTS)
VZ,ZENER VOLTAGE(VOLTS)
Fig.3A-VZ=2.4 THRU 1.0 VOLTS
Fig.3B-VZ=12 THRU 39 VOLTS
Fig.2-TYPICAL CAPACITANCE
Fig.1-STEADY STATE POWER DERATING
TEMPERATURE(°C)
NORMAL ZENER VOLTAGE,VOLTS
0
0.1
0.2
0.3
0.4
0.5
0
25
50
75
100
125
150
TA=25°C
1
10
100
1000
1
10
100
1V BIAS
TA=25℃
BIASAT
50% OF VZ NOM
0V BIAS
0.0001
0.001
0.01
0.1
1
02
468
10
12
MMSZ5235BG;5240BG
MMSZ5221BG;5225BG
MMSZ5230BG
0.0000001
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
15
20
25
30
35
40
45
MMSZ5256BG;5259BG
MMSZ5245BG;5250BG
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
0
10 203040 506070 8090
+25°C
+150°C
-55°C
MMSZ 5221BG- MMSZ 5260BG
MMSZ 5221BG- MMSZ 5260BG
Alldatasheet


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn