Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMB3EZ75D5 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SMB3EZ75D5
Description  3.0 Watts Surface Mount Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMB3EZ75D5 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMB3EZ75D5 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMB3EZ75D5 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMB3EZ75D5 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMB3EZ75D5 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SMB3EZxxD5 Series
Voltage 3.3 V ~ 200 V
3.0 Watts Surface Mount Zener Diode
14-Jan-2013 Rev. C
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Glass passivated chip
Low leakage
Built-in strain relief
Low inductance
High peak reverse power dissipation
Lead (Pb)-free component
For use in stabilizing and clipping circuits with high
power rating
MECHANICAL DATA
Case:SMB
Epoxy:UL 94V-0 rate flame retardant
Polarity:Laser band denotes cathode end
Weight:0.095 grams (Approximately)
PACKAGE INFORMATION
Package
MPQ
Leader Size
SMB
3K
13 inch
MAXIMUM RATINGS (TA=25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
DC Power Dissipation @TL=50°C
1
PD
3.0
W
Maximum Forward Voltage @IF=200mA
VF
1.5
V
Junction Temperature Range
TJ
-55 ~ + 150
°C
Storage Temperature Range
TSTG
-55 ~ + 150
°C
Notes:
1. TL = Lead temperature at 3/8” (9.5mm) from body.
SMB
A
B
E
G
D
F
C
H
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.91
2.20
E
-
0.203
B
4.06
4.70
F
5.08
5.59
C
3.30
3.94
G
0.76
1.52
D
2.13
2.44
H
0.15
0.305


Similar Part No. - SMB3EZ75D5

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMB3EZ75D5 MCC-SMB3EZ75D5 Datasheet
575Kb / 4P
   3 W Glass Passivated Junction Silicon Zener Diode 5.6-200 Volts
logo
Anova Technologies CO.,...
SMB3EZ75D5 ANOVA-SMB3EZ75D5 Datasheet
261Kb / 3P
   Surface Mount Zener Diodes
SMB3EZ75D5;3F0;DO-214AA ANOVA-SMB3EZ75D5;3F0;DO-214AA Datasheet
261Kb / 3P
   Surface Mount Zener Diodes
More results

Similar Description - SMB3EZ75D5

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMB5921 SECOS-SMB5921 Datasheet
201Kb / 4P
   3.0 Watts Surface Mount Zener Diode
logo
Taiwan Semiconductor Co...
1SMB5926 TSC-1SMB5926_10 Datasheet
654Kb / 4P
   3.0 Watts Surface Mount Silicon Zener Diode
1SMB5926 TSC-1SMB5926 Datasheet
331Kb / 4P
   3.0 Watts Surface Mount Silicon Zener Diode
logo
SeCoS Halbleitertechnol...
3EZXXXD5 SECOS-3EZXXXD5 Datasheet
738Kb / 4P
   3 Watts Surface Mount Zener Diode
SMA59XXB SECOS-SMA59XXB Datasheet
264Kb / 3P
   1.5 Watts Surface Mount Zener Diode
ZTS270X SECOS-ZTS270X Datasheet
240Kb / 2P
   1.0 Watts Surface Mount Zener Diode
logo
SEC Electronics Inc.
3EZXXXD5 SECELECTRONICS-3EZXXXD5 Datasheet
738Kb / 4P
   3 Watts Surface Mount Zener Diode
logo
SeCoS Halbleitertechnol...
SMA4735 SECOS-SMA4735 Datasheet
318Kb / 4P
   1.0 Watts Surface Mount Zener Diode
SMA47XX SECOS-SMA47XX_15 Datasheet
193Kb / 3P
   1.0 Watts Surface Mount Zener Diode
SMA59XXB SECOS-SMA59XXB_15 Datasheet
264Kb / 3P
   1.5 Watts Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com