Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMDJ40A Datasheet(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

Part # SMDJ40A
Description  3000W Peak Power Surface Mount TVS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMDJ40A Datasheet(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  SMDJ40A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMDJ40A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMDJ40A Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMDJ40A Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMDJ SERIES
5V ~ 190V
3000W Peak Power Surface Mount TVS
Elektronische Bauelemente
24-Jan-2011 Rev. A
Page 4 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
CHARACTERISTIC CURVE


Similar Part No. - SMDJ40A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SMDJ40A TSC-SMDJ40A Datasheet
456Kb / 6P
   3000W, 10V - 100V Surface Mount Transient Voltage Suppressor
logo
List of Unclassifed Man...
SMDJ40A ETC1-SMDJ40A Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
Nanjing International G...
SMDJ40A DGNJDZ-SMDJ40A Datasheet
102Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
SMDJ40A TSC-SMDJ40A Datasheet
407Kb / 7P
   3000W, 10V - 100V Surface Mount Transient Voltage Suppressor
logo
Littelfuse
SMDJ40A LITTELFUSE-SMDJ40A Datasheet
1,011Kb / 6P
   TVS Diodes Surface Mount ? 3000W > SMDJ series
Revised: JC.10/29/20
More results

Similar Description - SMDJ40A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMDJ SECOS-SMDJ_15 Datasheet
340Kb / 4P
   3000W Peak Power Surface Mount TVS
SMAJ SECOS-SMAJ_18 Datasheet
554Kb / 4P
   Peak Power Surface Mount TVS
S6AF SECOS-S6AF Datasheet
271Kb / 4P
   Peak Power Surface Mount TVS
SMBJ SECOS-SMBJ_16 Datasheet
365Kb / 4P
   Peak Power Surface Mount TVS
SMA6J SECOS-SMA6J_18 Datasheet
313Kb / 3P
   Peak Power Surface Mount TVS
S4AF SECOS-S4AF Datasheet
287Kb / 4P
   Peak Power Surface Mount TVS
SSDJ SECOS-SSDJ_15 Datasheet
269Kb / 4P
   200W Peak Power Surface Mount TVS
SMAJ SECOS-SMAJ Datasheet
455Kb / 4P
   400W Peak Power Surface Mount TVS
S4FL6.0A SECOS-S4FL6.0A Datasheet
477Kb / 4P
   400W Peak Power Surface Mount TVS
5SMDJ SECOS-5SMDJ_15 Datasheet
195Kb / 4P
   5000W Peak Power Surface Mount TVS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com