Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMB2EZ43D5 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SMB2EZ43D5
Description  2.0 Watts Surface Mount Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMB2EZ43D5 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMB2EZ43D5 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMB2EZ43D5 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMB2EZ43D5 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMB2EZ43D5 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMB2EZxxD5 Series
VOLTAGE 6.2 V ~ 330 V
2.0 Watts Surface Mount Zener Diode
Elektronische Bauelemente
20-Oct-2010 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS
Rating 25°C ambient temperature unless otherwise specified.
PART NUMBER
Nominal Zener
Voltage
Max. Zener Impedance
Max.
Reverse
Leakage Current
Max.
DC Zener
Current
VZ @ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
IZM
Nom.V
mA
mA
mA
uA
V
mA
SMB2EZ6.2D5
6.2
80.5
1.5
80.5
700
1.0
5.0
3.0
292
SMB2EZ6.8D5
6.8
73.5
2.0
73.5
700
1.0
5.0
4.0
266
SMB2EZ7.5D5
7.5
66.5
2.0
66.5
700
0.5
5.0
5.0
242
SMB2EZ8.2D5
8.2
61
2.3
61.0
700
0.5
5.0
6.0
220
SMB2EZ9.1D5
9.1
55
2.5
55.0
700
0.5
3.0
7.0
200
SMB2EZ10D5
10.0
50
3.5
50.0
700
0.25
3.0
7.6
182
SMB2EZ11D5
11.0
45.5
4.0
45.5
700
0.25
1.0
8.4
166
SMB2EZ12D5
12.0
41.5
4.5
41.5
700
0.25
1.0
9.1
152
SMB2EZ13D5
13.0
38.5
5.0
38.5
700
0.25
0.5
9.9
138
SMB2EZ14D5
14.0
35.7
5.5
35.7
700
0.25
0.5
10.6
130
SMB2EZ15D5
15.0
33.4
7.0
33.4
700
0.25
0.5
11.4
122
SMB2EZ16D5
16.0
31.2
8.0
31.2
700
0.25
0.5
12.2
114
SMB2EZ17D5
17.0
29.4
9.0
29.4
750
0.25
0.5
13.0
107
SMB2EZ18D5
18.0
27.8
10.0
27.8
750
0.25
0.5
13.7
100
SMB2EZ19D5
19.0
26.3
11.0
26.3
750
0.25
0.5
14.4
95
SMB2EZ20D5
20.0
25
11.0
25.0
750
0.25
0.5
15.2
90
SMB2EZ22D5
22.0
22.8
12.0
22.8
750
0.25
0.5
16.7
82
SMB2EZ24D5
24.0
20.8
13.0
20.8
750
0.25
0.5
18.2
76
SMB2EZ27D5
27.0
18.5
18.0
18.5
750
0.25
0.5
20.6
68
SMB2EZ30D5
30.0
16.6
20
16.6
1000
0.25
0.5
22.5
60
SMB2EZ33D5
33.0
15.1
23
15.1
1000
0.25
0.5
25.1
55
SMB2EZ36D5
36.0
13.9
25
13.9
1000
0.25
0.5
27.4
50
SMB2EZ39D5
39.0
12.8
30
12.8
1000
0.25
0.5
29.7
47
SMB2EZ43D5
43.0
11.6
35
11.6
1500
0.25
0.5
32.7
43
SMB2EZ47D5
47.0
10.6
40
10.6
1500
0.25
0.5
35.8
39
SMB2EZ51D5
51.0
9.8
48
9.8
1500
0.25
0.5
38.8
36
SMB2EZ56D5
56.0
9.0
55
9.0
2000
0.25
0.5
42.6
32
SMB2EZ62D5
62.0
8.1
60
8.1
2000
0.25
0.5
47.1
29
SMB2EZ68D5
68.0
7.4
75
7.4
2000
0.25
0.5
51.7
27
SMB2EZ75D5
75.0
6.7
90
6.7
2000
0.25
0.5
56.0
24
SMB2EZ82D5
82.0
6.1
100
6.1
3000
0.25
0.5
62.2
22
SMB2EZ91D5
91.0
5.5
125
5.5
3000
0.25
0.5
69.2
20
SMB2EZ100D5
100.0
5.0
175
5.0
3000
0.25
0.5
76.0
18
SMB2EZ110D5
110.0
4.5
250
4.5
4000
0.25
0.5
83.6
17
SMB2EZ120D5
120.0
4.2
325
4.2
4500
0.25
0.5
91.2
15
SMB2EZ130D5
130.0
3.8
400
3.8
5000
0.25
0.5
98.8
14
SMB2EZ140D5
140.0
3.6
500
3.6
5500
0.25
0.5
106.4
13
SMB2EZ150D5
150.0
3.3
575
3.3
6000
0.25
0.5
114.0
12
SMB2EZ160D5
160.0
3.1
650
3.1
6500
0.25
0.5
121.6
11
SMB2EZ170D5
170.0
2.9
675
2.9
7000
0.25
0.5
130.4
11


Similar Part No. - SMB2EZ43D5

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMB2EZ43D5 MCC-SMB2EZ43D5 Datasheet
287Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
logo
Anova Technologies CO.,...
SMB2EZ43D5 ANOVA-SMB2EZ43D5 Datasheet
257Kb / 3P
   Surface Mount Zener Diodes
logo
Micro Commercial Compon...
SMB2EZ43D5HE3 MCC-SMB2EZ43D5HE3 Datasheet
366Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 10-75 Volts
More results

Similar Description - SMB2EZ43D5

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMB3EZXXD5 SECOS-SMB3EZXXD5 Datasheet
265Kb / 4P
   3.0 Watts Surface Mount Zener Diode
3EZXXXD5 SECOS-3EZXXXD5 Datasheet
738Kb / 4P
   3 Watts Surface Mount Zener Diode
SMA59XXB SECOS-SMA59XXB Datasheet
264Kb / 3P
   1.5 Watts Surface Mount Zener Diode
ZTS270X SECOS-ZTS270X Datasheet
240Kb / 2P
   1.0 Watts Surface Mount Zener Diode
SMB5921 SECOS-SMB5921 Datasheet
201Kb / 4P
   3.0 Watts Surface Mount Zener Diode
logo
SEC Electronics Inc.
3EZXXXD5 SECELECTRONICS-3EZXXXD5 Datasheet
738Kb / 4P
   3 Watts Surface Mount Zener Diode
logo
SeCoS Halbleitertechnol...
SMA4735 SECOS-SMA4735 Datasheet
318Kb / 4P
   1.0 Watts Surface Mount Zener Diode
SMA47XX SECOS-SMA47XX_15 Datasheet
193Kb / 3P
   1.0 Watts Surface Mount Zener Diode
SMA59XXB SECOS-SMA59XXB_15 Datasheet
264Kb / 3P
   1.5 Watts Surface Mount Zener Diode
SMB59XXB SECOS-SMB59XXB_15 Datasheet
238Kb / 3P
   1.5 Watts Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com