Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71061 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 71061
Description  P-Channel 30-V (D-S) MOSFET with Schottky Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

71061 Datasheet(HTML) 6 Page - Vishay Siliconix

  71061 Datasheet HTML 1Page - Vishay Siliconix 71061 Datasheet HTML 2Page - Vishay Siliconix 71061 Datasheet HTML 3Page - Vishay Siliconix 71061 Datasheet HTML 4Page - Vishay Siliconix 71061 Datasheet HTML 5Page - Vishay Siliconix 71061 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Si4831DY
Vishay Siliconix
New Product
www.vishay.com
S FaxBack 408-970-5600
2-6
Document Number: 71061
S-61859—Rev. A, 10-Oct-99
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
SCHOTTKY
10–3
10–2
110
10–1
10–4
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Normalized Thermal Transient Impedance, Junction-to-Foot
Square Wave Pulse Duration (sec)
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
2
1
0.1
0.01
10–3
10–2
1
10
600
10–1
10–4
Duty Cycle = 0.5
0.2
0.1
0.05
0.02
Single Pulse
100
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 91_C/W
3. TJM – TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM


Similar Part No. - 71061

ManufacturerPart #DatasheetDescription
logo
PCTEL, Inc.
710610 PCTEL-710610 Datasheet
209Kb / 3P
   2/3/4/5G and WIFI 2x MIMO
710611 PCTEL-710611 Datasheet
209Kb / 3P
   2/3/4/5G and WIFI 2x MIMO
710612 PCTEL-710612 Datasheet
209Kb / 3P
   2/3/4/5G and WIFI 2x MIMO
710613 PCTEL-710613 Datasheet
209Kb / 3P
   2/3/4/5G and WIFI 2x MIMO
More results

Similar Description - 71061

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4833BDY VISHAY-SI4833BDY Datasheet
206Kb / 11P
   P-Channel 30 V (D-S) MOSFET with Schottky Diode
Rev. B, 15-Aug-11
SI3851DV VISHAY-SI3851DV Datasheet
72Kb / 6P
   P-Channel 30-V (D-S) MOSFET With Schottky Diode
Rev. A, 11-Oct-99
SI4837DY VISHAY-SI4837DY Datasheet
57Kb / 6P
   P-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 16-Jul-01
SI4833DY VISHAY-SI4833DY Datasheet
63Kb / 5P
   P-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 02-Nov-98
logo
DinTek Semiconductor Co...
DTM4483S DINTEK-DTM4483S Datasheet
2Mb / 11P
   P-Channel 30 V (D-S) MOSFET with Schottky Diode
logo
Vishay Siliconix
SIA817EDJ VISHAY-SIA817EDJ Datasheet
329Kb / 11P
   P-Channel 30 V (D-S) MOSFET with Schottky Diode
Rev. A, 28-Jan-13
SI4831BDY VISHAY-SI4831BDY Datasheet
114Kb / 9P
   P-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 09-Mar-09
SI4833ADY VISHAY-SI4833ADY Datasheet
178Kb / 11P
   P-Channel 30 V (D-S) MOSFET with Schottky Diode
Rev. D, 08-Nov-10
SI4833DY VISHAY-SI4833DY_07 Datasheet
120Kb / 7P
   P-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 02-Nov-98
logo
Analog Power
AM3837P ANALOGPOWER-AM3837P Datasheet
219Kb / 5P
   P-Channel 30-V (D-S) MOSFET With Schottky Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com