Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z85233 Datasheet(PDF) 75 Page - Zilog, Inc.

Part # Z85233
Description  The Zilog SCC Serial Communication Controller
Download  317 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z85233 Datasheet(HTML) 75 Page - Zilog, Inc.

Back Button Z85233 Datasheet HTML 71Page - Zilog, Inc. Z85233 Datasheet HTML 72Page - Zilog, Inc. Z85233 Datasheet HTML 73Page - Zilog, Inc. Z85233 Datasheet HTML 74Page - Zilog, Inc. Z85233 Datasheet HTML 75Page - Zilog, Inc. Z85233 Datasheet HTML 76Page - Zilog, Inc. Z85233 Datasheet HTML 77Page - Zilog, Inc. Z85233 Datasheet HTML 78Page - Zilog, Inc. Z85233 Datasheet HTML 79Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 317 page
background image
SCC™/ESCC™ User’s Manual
SCC/ESCC Ancillary Support Circuitry
3-14
3.6 CRYSTAL OSCILLATOR (Continued)
Figure 3-13 shows the use of the DPLL to derive a 1x clock
from the data. In this example:
The DPLL clock input = BRG output (x16 the data rate)
WR14.
The DPLL clock output = RxC (receiver clock) WR11.
Set FM mode WR14.
Set FM mode WR10.
3.6 CRYSTAL OSCILLATOR
Each channel contains a high gain oscillator amplifier for
use with an external crystal circuit. The amplifier is avail-
able between the /RTxC pin (crystal input) and the /SYNC
pin (crystal output) for each channel.
The oscillator amplifier is enabled by writing WR11 D7=1.
While the crystal oscillator is enabled, anything that has
selected the /RTxC pin as its clock source automatically
connects to the output of the crystal oscillator.
Note: The output of the oscillator amplifier can be pro-
grammed to output on the /TRxC pin, which is particularly
valuable for diagnostic purposes. Because amplifier char-
acteristics can be affected by the impedance of measure-
ment equipment applied directly to the crystal circuit, using
the /TRxC pin allows the oscillation to be tested without af-
fecting the circuit.
Of course, since the oscillator uses the /RTxC and /SYNC
pins, this precludes the use of these pins for other func-
tions. In synchronous modes, no sync pulse is output, and
the External Sync mode cannot be selected. In asynchro-
nous modes, the state of the Sync/Hunt bit in RR0 is no
longer controlled by the /SYNC pin. Instead, the Sync/Hunt
bit is forced to 0.
The crystal oscillator requires some finite time to stabilize
and must be allowed to stabilize before it is used as a clock
source. This stabilization time is dependent on the external
circuit impedance and 20 ms is a suggested minimum. The
External Crystal should operate in parallel resonance. For
further details on designing with the crystal, refer to Appen-
dix A, “On-Chip Oscillator Design”.
Figure 3-13. Synchronous Transmission, 1x Clock Rate, FM Data Encoding, using DPLL
RxC
B
R
G
16x Data Rate
/RTxC Pin
/SYNC Pin
D
P
L
L
TxC
RxD Pin
RxD
External
Crystal
UM010901-0601


Similar Part No. - Z85233

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z85233 ZILOG-Z85233 Datasheet
363Kb / 19P
   EMSCC-TM ENHANCED MONO SERIAL COMMUNICATION CONTROLLER
Z85233 ZILOG-Z85233 Datasheet
58Kb / 4P
   EMSCC??Enhanced Mono Serial Communication Controller
Z8523310FSC ZILOG-Z8523310FSC Datasheet
637Kb / 2P
   ZiLOGs Family of Serial Communication Controllers
Z8523310VSC ZILOG-Z8523310VSC Datasheet
637Kb / 2P
   ZiLOGs Family of Serial Communication Controllers
Z8523310VSG ZILOG-Z8523310VSG Datasheet
58Kb / 4P
   EMSCC??Enhanced Mono Serial Communication Controller
More results

Similar Description - Z85233

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z85C3008VEC00TR ZILOG-Z85C3008VEC00TR Datasheet
637Kb / 2P
   ZiLOG?셲 Family of Serial Communication Controllers
logo
Intel Corporation
82530 INTEL-82530 Datasheet
1Mb / 32P
   SERIAL COMMUNICATIONS CONTROLLER (SCC)
logo
Zilog, Inc.
Z80C30 ZILOG-Z80C30 Datasheet
873Kb / 96P
   CMOS SCC SERIAL COMMUNICATIONS CONTROLLER
Z85C3016PSG ZILOG-Z85C3016PSG Datasheet
547Kb / 83P
   CMOS SCC Serial Communications Controller
Z85C3010VEG ZILOG-Z85C3010VEG Datasheet
5Mb / 81P
   CMOS SCC Serial Communications Controller
Z85C3010VSG ZILOG-Z85C3010VSG Datasheet
547Kb / 83P
   CMOS SCC Serial Communications Controller
Z85C3008PEG ZILOG-Z85C3008PEG Datasheet
5Mb / 81P
   CMOS SCC Serial Communications Controller
Z85C3008VSG ZILOG-Z85C3008VSG Datasheet
5Mb / 81P
   CMOS SCC Serial Communications Controller
Z85C3008PSG ZILOG-Z85C3008PSG Datasheet
5Mb / 81P
   CMOS SCC Serial Communications Controller
Z80230 ZILOG-Z80230 Datasheet
103Kb / 12P
   ESCC??ENHANCED SERIAL COMMUNICATION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com