Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z53C80 Datasheet(PDF) 29 Page - Zilog, Inc.

Part # Z53C80
Description  SMALL COMPUTER SYSTEM INTERFACE (SCSI)
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z53C80 Datasheet(HTML) 29 Page - Zilog, Inc.

Back Button Z53C80 Datasheet HTML 25Page - Zilog, Inc. Z53C80 Datasheet HTML 26Page - Zilog, Inc. Z53C80 Datasheet HTML 27Page - Zilog, Inc. Z53C80 Datasheet HTML 28Page - Zilog, Inc. Z53C80 Datasheet HTML 29Page - Zilog, Inc. Z53C80 Datasheet HTML 30Page - Zilog, Inc. Z53C80 Datasheet HTML 31Page - Zilog, Inc. Z53C80 Datasheet HTML 32Page - Zilog, Inc. Z53C80 Datasheet HTML 33Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
29
Z53C80 SCSI
ZILOG
PS97SCC0200
AC CHARACTERISTICS
DMA Read (Non-Block Mode) Initiator Receive Table
Name
Description
Min
Max
Units
1
DRQ False from /DACK True
60
ns
2
/DACK False to DRQ True
30
ns
3
/DACK Hold Time from End of /IOR
0
ns
4
Data Access Time from Read Enable [1]
70
ns
5
Data Hold Time from End of /IOR
10
ns
6
Width of /EOP Pulse [2]
50
ns
7
/REQ True to DRQ True
70
ns
8
/REQ True to /ACK True
90
ns
9
/REQ False to /ACK False (/DACK False)
80
ns
10
/DACK False to /ACK False (/REQ False)
90
ns
11
DATA Setup Time to /REQ
20
ns
12
DATA Hold Time from /REQ True
50
ns
Notes:
[1] Read enable is the occurrence of both /IOR and /DACK.
[2] /EOP, /IOR and /DACK must be concurrently true for at least T6 for
proper recognition of the /EOP pulse.


Similar Part No. - Z53C80

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
Z530 INTEL-Z530 Datasheet
1,009Kb / 73P
   Intel Atom Processor
logo
Zilog, Inc.
Z5380 ZILOG-Z5380 Datasheet
438Kb / 37P
   SMALL COMPUTER SYSTEM INTERFACE (SCSI)
Z538001PEC ZILOG-Z538001PEC Datasheet
438Kb / 37P
   SMALL COMPUTER SYSTEM INTERFACE (SCSI)
Z538001PSC ZILOG-Z538001PSC Datasheet
438Kb / 37P
   SMALL COMPUTER SYSTEM INTERFACE (SCSI)
Z538001VEC ZILOG-Z538001VEC Datasheet
438Kb / 37P
   SMALL COMPUTER SYSTEM INTERFACE (SCSI)
More results

Similar Description - Z53C80

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z5380 ZILOG-Z5380 Datasheet
438Kb / 37P
   SMALL COMPUTER SYSTEM INTERFACE (SCSI)
logo
Sanyo Semicon Device
LC8945 SANYO-LC8945 Datasheet
175Kb / 7P
   SCSI (Small Computer System Interface) Protocol Controller
logo
List of Unclassifed Man...
PCM3430 ETC-PCM3430 Datasheet
59Kb / 11P
   Symbios SYM53C895 Small Computer System Integrated chip
logo
Advanced Micro Devices
AM5380 AMD-AM5380 Datasheet
1Mb / 28P
   SCSI Interface Controller
logo
National Semiconductor ...
DP5380 NSC-DP5380 Datasheet
407Kb / 32P
   Asynchronous SCSI Interface (ASI)
logo
Advanced Micro Devices
AM33C93A AMD-AM33C93A Datasheet
3Mb / 49P
   ENHANCED SCSI BUS INTERFACE CONTROLLER
logo
PHOENIX CONTACT
5031919 PHOENIX-5031919 Datasheet
130Kb / 11P
   Computer Marking System Engraving System CMS-GRAV
logo
Advantech Co., Ltd.
DPX-E105 ADVANTECH-DPX-E105 Datasheet
1Mb / 2P
   Intel짰 ATOM??Industrial Computer System
logo
EDA Technology Co.,LTD
CM4-MEDIA EDATEC-CM4-MEDIA Datasheet
1Mb / 20P
   A SMALL MULTIMEDIA DESKTOP COMPUTER
logo
RHOPOINT COMPONENTS
K3X13HQ RHOPOINT-K3X13HQ Datasheet
176Kb / 1P
   Sensor to Computer Interface Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com