Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE1733 Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE1733
Description  Integrated Circuit Module, 4 Output Positive Voltage Regulator for VCR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE1733 Datasheet(HTML) 2 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Test Conditions:
Condition 1:
VIN (DC) 1 = 20V, VIN (DC) 2 = 15V, IO1 = 2A, IO2 = IO3 = 1A, IO4 = 0.5A
Condition 2:
VIN (DC) 1 = 20V, VIN (DC) 2 = 15V, IO1 = 2A, IO2 = IO3 = 1A, IO4 = 0.5A,
Input Ripple Voltage = 1.5VP–P
Condition 3:
VIN (DC) 1 = 20V ±3V, VIN (DC) 2 = 15.2V ±2V, IO1 = 2A, IO2 = IO3 = 1A, IO4 = 0.5A
Condition 4:
VIN (DC) 1 = 20V, VIN (DC) 2 = 15V, IO1 = IO2 = IO3 = 0.2A to 2A, IO4 = 0 to 0.5A
Condition 5:
IO1 = 2A, IO2 = IO3 = 1A, IO4 = 0.5A
Pin Connection Diagram
(Front View)
VO 4 (5.1V @ 0.5A)
VO 3 (12V @ 1A)
VO 3 (12V @ 1A)
VO 1 (15V @ 2A)
VO 1 (15V @ 2A)
VO 2 (9.5V @ 1.5A)
VIN (DC) 2
VIN (DC) 1
N.C.
GND
Decoupling
15
14
13
12
Decoupling
ON/OFF Control
11 Reference Input
10
9
8
7
6
5
Decoupling
4
3
2
1
1.000
(25.4)
.827
(21.0)
1.230
(31.2)
2.330 (59.2)
2.050 (52.0)
1.400 (35.6)
.100 (2.54)
.433 (11.0)
.395 (10.0)
.141
(3.6)
Dia
(2 Places)
115


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn