Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U4164A-016 Datasheet(PDF) 7 Page - Keysight Technologies

Part # U4164A-016
Description  Logic Analyzer Module
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U4164A-016 Datasheet(HTML) 7 Page - Keysight Technologies

Back Button U4164A-016 Datasheet HTML 3Page - Keysight Technologies U4164A-016 Datasheet HTML 4Page - Keysight Technologies U4164A-016 Datasheet HTML 5Page - Keysight Technologies U4164A-016 Datasheet HTML 6Page - Keysight Technologies U4164A-016 Datasheet HTML 7Page - Keysight Technologies U4164A-016 Datasheet HTML 8Page - Keysight Technologies U4164A-016 Datasheet HTML 9Page - Keysight Technologies U4164A-016 Datasheet HTML 10Page - Keysight Technologies U4164A-016 Datasheet HTML 11Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
07 | Keysight | U4164A Logic Analyzer Module - Data Sheet
Dual-sample mode has multiple benefits:
1. For non-DDR or LPDDR memory trace capture, dual-sample state mode allows
acquisition of state (synchronous) data at rates up to 4 Gb/s depending on the speed
state option purchased. When used in this mode, the data will appear in two labels. One
label for rising edge and another for falling edge captures. The logic analyzer will be
clocked with one edge of the system clock. Labels can be merged using the Keysight
B4602A signal extractor tool. When operated in dual-sample state mode on all pods,
the channel count is 68 channels for one U4164A 136 channels for two U4164As, or 204
channels for three U4164A modules combined. Dual-sample state mode can be selected
on a per-pod-pair basis, so if you have only a subset of signals that require dual-sample
mode, the channel count can be higher.
2. For DDR/LPDDR memory signals up to 2.5 Gb/s, dual-sample state mode allows
separation of read data samples from write data samples. The B4661A DDR2/3/4
decoder or the B4661A LPDDR/2/3/4 decoder reassembles the data to align with
the associated commands. (There’s no need for the B4602A tool for DDR and LPDDR
solutions.)
3. For DDR4 and LPDDR4 memory solutions over 2.5 Gb/s using dual-sample state mode,
double probing is required to capture read and write DQ signals and dual-sample state
mode is used to capture rising and falling edge DQ samples. Using this technique, a
maximum of 34 DDR4 or LPDDR4 DQ signals operating over 2.5 Gb/s can be captured
per U4164A module. Address, command, and control signals for DDR or LPDDR memory
do not require double probing above or below 2.5 Gb/s data rates, so modules with a
mixture of address, command and DQ signals may have higher signal count depending
on how the signals are routed into the U4164A.
Quad-Sample State Mode
Quad-sample state mode enables four samples with two different threshold settings from
a single-touch connection to high-speed data signals under test. This results in four unique
sample positions at two unique thresholds. Single-touch connection preserves probe routing
space and minimized probe load on high-speed digital systems. DDR4 and LPDDR4 probing for
data rates over 2.5 Gb/s are examples of where single-touch probing enables high-speed trace
capture using quad-sample mode to capture read and write DQ (data) at different thresholds
with rising and falling edge samples for both read and write data to sample, trigger, and display
DDR4 and LPDDR4 at data rates up to 4 Gb/s.
When operated in quad-sample state mode on all pods, the channel count is 34 channels
for one U4164A, 68 channels for two U4164As, or 102 channels for three U4164A modules
combined. Quad-sample state mode is only available with U4164A Option -02G. Quad-sample
state mode can be selected on a per-pod-pair basis, so if you have only a subset of signals that
require quad-sample mode, the channel count can be higher.
Dual-Sample State Mode


Similar Part No. - U4164A-016

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U41 ETC2-U41 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
logo
C&K Components
U41 CK-COMPONENTS-U41 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
logo
Baumer IVO GmbH & Co. K...
U410.010A01A IVO-U410.010A01A Datasheet
512Kb / 4P
   Totalizers mechanic
U410.010A01B IVO-U410.010A01B Datasheet
512Kb / 4P
   Totalizers mechanic
U410.010A02A IVO-U410.010A02A Datasheet
512Kb / 4P
   Totalizers mechanic
More results

Similar Description - U4164A-016

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
16962A HP-16962A Datasheet
246Kb / 9P
   Logic Analyzer Module
16900 HP-16900 Datasheet
1Mb / 35P
   Logic Analyzer
logo
Xilinx, Inc
DS646 XILINX-DS646 Datasheet
496Kb / 11P
   Integrated Logic Analyzer
logo
Microchip Technology
TSAL0001 MICROCHIP-TSAL0001 Datasheet
85Kb / 1P
   Saleae Logic USB Logic Analyzer
4/19/2012
logo
Zilog, Inc.
Z8932312ZEM ZILOG-Z8932312ZEM Datasheet
54Kb / 5P
   HP Logic Analyzer Interface
logo
TEKTRONIX, INC.
P5900 TEKTRONIX-P5900 Datasheet
410Kb / 6P
   Tektronix Logic Analyzer Probes
logo
List of Unclassifed Man...
TLA7SA00 ETC2-TLA7SA00 Datasheet
1Mb / 14P
   Tektronix PCI Express Logic Protocol Analyzer
logo
JDS Uniphase Corporatio...
RSAM-5600 JDSU-RSAM-5600 Datasheet
294Kb / 6P
   Remote Service Analyzer Module
logo
SparkFun Electronics
TOL-15033 SPARKFUN-TOL-15033 Datasheet
245Kb / 3P
   USB Logic Analyzer - 25MHz/8-Channel
10??4??8
logo
National Instruments Co...
NI6542 NI-NI6542 Datasheet
856Kb / 3P
   100 MHz Logic Analyzer/Digital Pattern Generators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com