Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U4164A Datasheet(PDF) 8 Page - Keysight Technologies

Part # U4164A
Description  Logic Analyzer Module
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U4164A Datasheet(HTML) 8 Page - Keysight Technologies

Back Button U4164A Datasheet HTML 4Page - Keysight Technologies U4164A Datasheet HTML 5Page - Keysight Technologies U4164A Datasheet HTML 6Page - Keysight Technologies U4164A Datasheet HTML 7Page - Keysight Technologies U4164A Datasheet HTML 8Page - Keysight Technologies U4164A Datasheet HTML 9Page - Keysight Technologies U4164A Datasheet HTML 10Page - Keysight Technologies U4164A Datasheet HTML 11Page - Keysight Technologies U4164A Datasheet HTML 12Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
08 | Keysight | U4164A Logic Analyzer Module - Data Sheet
State mode support for bursty clock inputs allows you to take measurements that include
periods of in activity on the clock, such as power management transitions when the clock is
inactive. In state mode, the U4164A allows one clock input into pod 1 of the clocking module.
– Double module set - bottom module of set is clocking module
– Three card set - middle module is clocking module
There are five clock qualifiers available on the clocking module. The clock inputs to pods 2, 3, 4,
and 5 can be used as “AND” or “OR” clock qualifiers. The “RESET” clock qualifier input on pod
7 is available as an “AND” input only when the other clock qualifiers are setup as “OR” inputs.
The most common use mode for this clock qualifier is to capture “RESET” when the other clock
qualifiers are looking for clock enable (CKE) signals on DDR and LPDDR buses.
Clock hysteresis
The U4164A module has a unique clock hysteresis feature that allows the user to define a range
about the clock threshold. Using clock hysteresis enables the U4164A clock input in state mode
to avoid false sampling on noisy clock inputs that may float to zero volts at the differential
clock input to the U4164A when the clock is turned off. Clock hysteresis improves state mode
captures from systems where a differential clock input turns off and floats to zero volts.
Clock hysteresis control is inside the threshold dialog for the clock. The “hysteresis on” check
box [x] is an on/off control. There is also an input for the amount of hysteresis setting in
millivolts around threshold between 0 and 1 volts.
State Mode Clock Inputs and Clock Qualifiers
Figure 2. Clock hysteresis selection and setting in clock thresholds window. The settings shown were used
to capture an LPDDR4 system initializing without the use of any clock qualifiers.


Similar Part No. - U4164A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U41 ETC2-U41 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
logo
C&K Components
U41 CK-COMPONENTS-U41 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
logo
Baumer IVO GmbH & Co. K...
U410.010A01A IVO-U410.010A01A Datasheet
512Kb / 4P
   Totalizers mechanic
U410.010A01B IVO-U410.010A01B Datasheet
512Kb / 4P
   Totalizers mechanic
U410.010A02A IVO-U410.010A02A Datasheet
512Kb / 4P
   Totalizers mechanic
More results

Similar Description - U4164A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
16962A HP-16962A Datasheet
246Kb / 9P
   Logic Analyzer Module
16900 HP-16900 Datasheet
1Mb / 35P
   Logic Analyzer
logo
Xilinx, Inc
DS646 XILINX-DS646 Datasheet
496Kb / 11P
   Integrated Logic Analyzer
logo
Microchip Technology
TSAL0001 MICROCHIP-TSAL0001 Datasheet
85Kb / 1P
   Saleae Logic USB Logic Analyzer
4/19/2012
logo
Zilog, Inc.
Z8932312ZEM ZILOG-Z8932312ZEM Datasheet
54Kb / 5P
   HP Logic Analyzer Interface
logo
TEKTRONIX, INC.
P5900 TEKTRONIX-P5900 Datasheet
410Kb / 6P
   Tektronix Logic Analyzer Probes
logo
List of Unclassifed Man...
TLA7SA00 ETC2-TLA7SA00 Datasheet
1Mb / 14P
   Tektronix PCI Express Logic Protocol Analyzer
logo
JDS Uniphase Corporatio...
RSAM-5600 JDSU-RSAM-5600 Datasheet
294Kb / 6P
   Remote Service Analyzer Module
logo
SparkFun Electronics
TOL-15033 SPARKFUN-TOL-15033 Datasheet
245Kb / 3P
   USB Logic Analyzer - 25MHz/8-Channel
10??4??8
logo
National Instruments Co...
NI6542 NI-NI6542 Datasheet
856Kb / 3P
   100 MHz Logic Analyzer/Digital Pattern Generators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com