Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R-50C-016-5 Datasheet(PDF) 10 Page - Keysight Technologies

Part # R-50C-016-5
Description  P-Series Power Meters and
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

R-50C-016-5 Datasheet(HTML) 10 Page - Keysight Technologies

Back Button R-50C-016-5 Datasheet HTML 6Page - Keysight Technologies R-50C-016-5 Datasheet HTML 7Page - Keysight Technologies R-50C-016-5 Datasheet HTML 8Page - Keysight Technologies R-50C-016-5 Datasheet HTML 9Page - Keysight Technologies R-50C-016-5 Datasheet HTML 10Page - Keysight Technologies R-50C-016-5 Datasheet HTML 11Page - Keysight Technologies R-50C-016-5 Datasheet HTML 12Page - Keysight Technologies R-50C-016-5 Datasheet HTML 13Page - Keysight Technologies R-50C-016-5 Datasheet HTML 14Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10 | Keysight N1911A/N1912A P-Series Power Meters and N1921A/N1922A Wideband Power Sensors - Data Sheet
Worked Example
Uncertainty calculations for a power measurement (settled, average power)
[Specification values from this document are in bold italic, values calculated on this page are underlined.]
Process
1. Power level: ..............................................................
2. Frequency: ...............................................................
3. Calculate meter uncertainty:
Calculate noise contribution
– If in Free Run mode, Noise =
Measurement noise x free run multiplier
– If in Trigger mode, Noise =
Noise-per-sample x noise per sample multiplier
Convert noise contribution to a relative term 1 = Noise/Power........................
Instrumentation linearity .................................................
Drift ..................................................................
RSS of above three terms => Meter uncertainty = ..........................
4.
Zero Uncertainty
(Mode and frequency dependent) = Zero set/Power = ........................
5. Sensor calibration uncertainty
(Sensor, frequency, power and temperature dependent) = ....................
6. System contribution, coverage factor of 2 => sys
rss = ............................
(RSS three terms from steps 3, 4 and 5)
7. Standard uncertainty of mismatch
Max SWR (Frequency dependent) = ..........................................
convert to reflection coefficient, | ρ
Sensor | = (SWR–1)/(SWR+1) = . . . . . . . . . . . . . . . . . . . .
Max DUT SWR (Frequency dependent) = ......................................
convert to reflection coefficient, | ρ
DUT | = (SWR–1)/(SWR+1) = .....................
8. Combined measurement uncertainty @ k=1
............................
Expanded uncertainty, k = 2, = U
C • 2 = ..........................................
1. The noise to power ratio is capped for powers > 100 uW, in these cases use: Noise/100 µW.
0.03%
±4.46%
0.115
0.8%
0.03%
0.8%
0.111
1.25
2.23
1.26
4.0%
4.08%
1GHz
1mW
Max(
rDUT) • Max(rSensor)
sysrss
2
+
2
2
2
UC =


Similar Part No. - R-50C-016-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R-50C-SC ETC2-R-50C-SC Datasheet
152Kb / 1P
   ICT 50C PROBE AND RECEPTACLE
More results

Similar Description - R-50C-016-5

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N1911A-P KEYSIGHT-N1911A-P Datasheet
1Mb / 14P
   P-Series Power Meters and
N1911A KEYSIGHT-N1911A Datasheet
1Mb / 14P
   N1911A/N1912A P-Series Power Meters and N1921A/N1922A Wideband Power Sensors
N1912A KEYSIGHT-N1912A Datasheet
1Mb / 14P
   N1911A/N1912A P-Series Power Meters and N1921A/N1922A Wideband Power Sensors
E9326A KEYSIGHT-E9326A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
W8486A KEYSIGHT-W8486A Datasheet
2Mb / 28P
   EPM Series Power Meters E-Series and 8480 Series Power Sensors
logo
List of Unclassifed Man...
E9301A ETC2-E9301A Datasheet
619Kb / 12P
   RF and Microwave Power Sensors/Meters
logo
Keysight Technologies
E4417A KEYSIGHT-E4417A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
logo
List of Unclassifed Man...
PI3L720 ETC2-PI3L720 Datasheet
308Kb / 13P
   RF and Microwave Power Sensors/Meters
logo
Keysight Technologies
E4416A KEYSIGHT-E4416A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
E9321A KEYSIGHT-E9321A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com