Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M3300A Datasheet(PDF) 8 Page - Keysight Technologies

Part # M3300A
Description  PXIe Arbitrary Waveform Generator and Digitizer Combo with Optional Real-Time Sequencing and FPGA Programming
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M3300A Datasheet(HTML) 8 Page - Keysight Technologies

Back Button M3300A Datasheet HTML 4Page - Keysight Technologies M3300A Datasheet HTML 5Page - Keysight Technologies M3300A Datasheet HTML 6Page - Keysight Technologies M3300A Datasheet HTML 7Page - Keysight Technologies M3300A Datasheet HTML 8Page - Keysight Technologies M3300A Datasheet HTML 9Page - Keysight Technologies M3300A Datasheet HTML 10Page - Keysight Technologies M3300A Datasheet HTML 11Page - Keysight Technologies M3300A Datasheet HTML 12Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
08 | Keysight | M3300A PXIe Arbitrary Waveform Generator and Digitizer Combo with Optional Real-Time Sequencing and FPGA Programming - Data Sheet
Function generators (FGs) specifications
M3300A-C24
M3300A-C48
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Comments
General specifications
Function generators
2
4
1 per channel
Waveform types
4
4
Sinusoidal, triangular, square and DC
Frequency range
0
200
0
200
MHz
Frequency resolution
45
45
Bits
Frequency resolution
5.7
5.7
µHz
Phase range
0
360
0
360
Deg
Phase resolution
24
24
Bits
Phase resolution
21.5
21.5
µdeg
Speed performance
Frequency change rate
100
100
MChanges/s
With HVI technology
Frequency modulation rate
500
500
MSamples/s
With AWGs and angle modulators
Phase change rate
100
100
MChanges/s
With HVI technology
Phase modulation rate
500
500
MSamples/s
With AWGs and angle modulators
Table 3. Function generators (FGs) specifications
Amplitude and offset specifications
M3300A-C24
M3300A-C48
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Comments
General specifications
Amplitude/offset range
–1.5
1.5
–1.5
1.5
Volts
Amplitude + offset values
Amplitude/offset resolution
16
16
Bits
Amplitude/offset resolution
45.8
45.8
µV
Speed performance
Amplitude/offset change rate
500
500
MChanges/s
With HVI technology
Amplitude/offset modulation rate
500
500
MSamples/s
With AWGs and amplitude modulators
Table 4. Amplitude and offset specifications


Similar Part No. - M3300A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M3300A KEYSIGHT-M3300A Datasheet
1Mb / 9P
   PXIe Digitizers with Optional Real-Time
M3300A KEYSIGHT-M3300A Datasheet
1,004Kb / 9P
   PXIe Digitizers with Optional Real-Time
M3300A KEYSIGHT-M3300A Datasheet
1Mb / 16P
   PXIe Arbitrary Waveform Generator with Optional Real-Time Sequencing
M3300A KEYSIGHT-M3300A Datasheet
1Mb / 16P
   PXIe Arbitrary Waveform Generator with Optional Real-Time Sequencing
M3300A KEYSIGHT-M3300A Datasheet
1Mb / 20P
   PXIe Arbitrary Waveform Generator and Digitizer with Optional Real-Time Sequencing and FPGA Programming
More results

Similar Description - M3300A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M3302A KEYSIGHT-M3302A Datasheet
1Mb / 19P
   PXIe Arbitrary Waveform Generator and Digitizer Combo with Optional Real-Time Sequencing and FPGA Programming
M3300A KEYSIGHT-M3300A_18 Datasheet
1Mb / 20P
   PXIe Arbitrary Waveform Generator and Digitizer with Optional Real-Time Sequencing and FPGA Programming
M3302A KEYSIGHT-M3302A_18 Datasheet
1Mb / 20P
   PXIe Arbitrary Waveform Generator and Digitizer with Optional Real-Time Sequencing and FPGA Programming
M3201A KEYSIGHT-M3201A Datasheet
1Mb / 16P
   PXIe Arbitrary Waveform Generator with Optional Real-Time Sequencing
M3202A KEYSIGHT-M3202A Datasheet
1Mb / 16P
   PXIe Arbitrary Waveform Generator with Optional Real-Time Sequencing
M3100A KEYSIGHT-M3100A Datasheet
980Kb / 9P
   PXIe Digitizers with Optional Real-Time Sequencing and FPGA Programming
M3102A KEYSIGHT-M3102A Datasheet
1,004Kb / 9P
   PXIe Digitizers with Optional Real-Time Sequencing and FPGA Programming
M9336A KEYSIGHT-M9336A Datasheet
6Mb / 25P
   M9336A PXIe I/Q Arbitrary Waveform Generator
M3102A KEYSIGHT-M3102A_18 Datasheet
1,004Kb / 9P
   PXIe Digitizers with Optional Real-Time
M3100A KEYSIGHT-M3100A_18 Datasheet
1Mb / 9P
   PXIe Digitizers with Optional Real-Time
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com