Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S2FL15CA Datasheet(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

Part # S2FL15CA
Description  5V ~ 220V 200W Peak Power Surface Mount TVS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S2FL15CA Datasheet(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  S2FL15CA Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S2FL15CA Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH S2FL15CA Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH S2FL15CA Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Elektronische Bauelemente
S2FL SERIES
5V ~ 220V
200W Peak Power Surface Mount TVS
10-Feb-2017 Rev. B
Page 4 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RATINGS AND CHARACTERISTIC CURVES


Similar Part No. - S2FL15CA

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
S2F SEMTECH-S2F Datasheet
190Kb / 4P
   RECTIFIER, up to 1kV, 2A, 150-500ns
logo
List of Unclassifed Man...
S2F ETC2-S2F Datasheet
200Kb / 5P
   Medium Capacity Standard Size Toggles
logo
PANDUIT CORP.
S2F-C PANDUIT-S2F-C Datasheet
64Kb / 1P
   Panduct Snap-Clip Mounting Brackets
More results

Similar Description - S2FL15CA

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSDJ SECOS-SSDJ Datasheet
269Kb / 4P
   200W Peak Power Surface Mount TVS
SSDJ SECOS-SSDJ_15 Datasheet
269Kb / 4P
   200W Peak Power Surface Mount TVS
SFS5 SECOS-SFS5_15 Datasheet
340Kb / 3P
   200W Peak Power TVS
SMA6J SECOS-SMA6J Datasheet
315Kb / 4P
   5V ~ 85V, 600W Peak Power Surface Mount TVS
SMAJ SECOS-SMAJ_18 Datasheet
554Kb / 4P
   Peak Power Surface Mount TVS
S6AF SECOS-S6AF Datasheet
271Kb / 4P
   Peak Power Surface Mount TVS
SMBJ SECOS-SMBJ_16 Datasheet
365Kb / 4P
   Peak Power Surface Mount TVS
SMA6J SECOS-SMA6J_18 Datasheet
313Kb / 3P
   Peak Power Surface Mount TVS
S4AF SECOS-S4AF Datasheet
287Kb / 4P
   Peak Power Surface Mount TVS
SMDJ SECOS-SMDJ Datasheet
340Kb / 4P
   3000W Peak Power Surface Mount TVS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com