Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JMLP1616MXGM-D Datasheet(PDF) 3 Page - DDK Ltd.

Part # JMLP1616MXGM-D
Description  Circular Connectors for Solder Terminations Conforming to JIS-C-5432
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

JMLP1616MXGM-D Datasheet(HTML) 3 Page - DDK Ltd.

  JMLP1616MXGM-D Datasheet HTML 1Page - DDK Ltd. JMLP1616MXGM-D Datasheet HTML 2Page - DDK Ltd. JMLP1616MXGM-D Datasheet HTML 3Page - DDK Ltd. JMLP1616MXGM-D Datasheet HTML 4Page - DDK Ltd. JMLP1616MXGM-D Datasheet HTML 5Page - DDK Ltd. JMLP1616MXGM-D Datasheet HTML 6Page - DDK Ltd. JMLP1616MXGM-D Datasheet HTML 7Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Unit:mm
http://www.ddknet.co.jp
JM Series
3
◎ Specifications and/or dimensions in this catalog are subject to change without notice. ◎ Your checking the latest specifications with our drawings would be highly appreciated.
○ Straight Plug
P/N : JMSP1303M □ G-D
Shell Size
A
B max.
C max.
φ D
E 1
Fφ G
13
M181
46.5
26.5
3.0 ∼ 8.0
21
11.2
12.7
16
M221
48.8
30.5
3.0 ∼ 9.0
25
11.2
16.3
21
M261
51.8
34.0
8.0 ∼ 12.0
29
11.2
20.5
25
M301
54.1
37.5
9.6 ∼ 15.0
33
11.2
24.7
○ Right Angle Plug
■ Plastic Hood Type
Shell Size
A
B max.
C max.
φ D
E 1
Fφ G
13
M181
48.5
24.0
7 ∼ 8.7
21
11.2
12.7
16
M221
50.5
27.9
8 ∼ 10.5
25
11.2
16.3
21
M261
52.5
32.1
10 ∼ 13.0
29
11.2
20.5
25
M301
55.5
35.3
14 ∼ 16.0
33
11.2
24.7
+0
-0.2
+0
-0.8
+0
-0.2
+0
-0.8
P/N : JMSP1303M □ GM-D
■ Metal Hood Type
Shell Size
A
B max.
C max.
φ D
φ E 1
F φ G
13
M181
52.5
42.5
7 ∼ 8.7
21
11.2
12.7
16
M221
57.0
46.5
8 ∼ 10.5
25
11.2
16.3
21
M261
60.5
50.7
10 ∼ 13.0
29
11.2
20.5
25
M301
66.0
53.4
14 ∼ 16.0
33
11.2
24.7
+0
-0.2
+0
-0.8
Shell Size
A
B max.
C max.
φ D
E 1
Fφ G
13
M181
49.3
41.05
3.0 ∼ 8.0
21
11.2
12.7
16
M221
55.0
46.00
3.0 ∼ 9.0
25
11.2
16.3
21
M261
57.5
50.30
8.0 ∼ 12.0
29
11.2
20.5
25
M301
63.0
54.50
9.6 ∼ 15.0
33
11.2
24.7
+0
-0.2
+0
-0.8
⑥⑦
① Connector Style
SP : Straight Plug
② Shell Size
13, 16, 21 and 25
③ Number of Contacts
03, 04, 05, 07, 10, 16, 19, 24, 28 and 32
④ Contact Style
M : Male Contact(Pin)
F : Female Contact(Socket)
⑤ Alternate Insert Position
Omit : Standard Position
X, Y, Z : Alternate Insert Position
⑥ Contact Plating
Omit : Silver Plating (Standard)
G : Gold Plating
⑦ Finish
D:Trivalent Chromium Treatment(Black)
① Connector Style
SP : Straight Plug
② Shell Size
13, 16, 21 and 25
③ Number of Contacts
03, 04, 05, 07, 10, 16, 19, 24, 28 and 32
④ Contact Style
M : Male Contact(Pin)
F : Female Contact(Socket)
⑤ Alternate Insert Position
Omit : Standard Position
X, Y, Z : Alternate Insert Position
⑥ Contact Plating
Omit : Silver Plating (Standard)
G : Gold Plating
⑦ Hood
M:Metal Hood
⑧ Finish
D:Trivalent Chromium Treatment(Black)
P/N : JMLP1303M □ G-D
■ Plastic Hood Type
P/N : JMLP1303M □ GM-D
■ Metal Hood Type
⑥⑦
① Connector Style
LP : Right Angle Plug
② Shell Size
13, 16, 21 and 25
③ Number of Contacts
03, 04, 05, 07, 10, 16, 19, 24, 28 and 32
④ Contact Style
M : Male Contact(Pin)
F : Female Contact(Socket)
⑤ Alternate Insert Position
Omit : Standard Position
X, Y, Z : Alternate Insert Position
⑥ Contact Plating
Omit : Silver Plating (Standard)
G : Gold Plating
⑦ Finish
D:Trivalent Chromium Treatment(Black)
① Connector Style
LP : Right Angle Plug
② Shell Size
13, 16, 21 and 25
③ Number of Contacts
03, 04, 05, 07, 10, 16, 19, 24, 28 and 32
④ Contact Style
M : Male Contact(Pin)
F : Female Contact(Socket)
⑤ Alternate Insert Position
Omit : Standard Position
X, Y, Z : Alternate Insert Position
⑥ Contact Plating
Omit : Silver Plating (Standard)
G : Gold Plating
⑦ Hood
M:Metal Hood
⑧ Finish
D:Trivalent Chromium Treatment(Black)
Example part number shown


Similar Part No. - JMLP1616MXGM-D

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
JMLP1616MXGM-D DDK-JMLP1616MXGM-D Datasheet
324Kb / 7P
   Circular Connectors for Solder Terminations Conforming to JIS-C-5432
More results

Similar Description - JMLP1616MXGM-D

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
JMSP2116F-D DDK-JMSP2116F-D Datasheet
324Kb / 7P
   Circular Connectors for Solder Terminations Conforming to JIS-C-5432
logo
Hirose Electric
JR HIROSE-JR_18 Datasheet
555Kb / 8P
   Circular Connectors Conforming to JIS C 5432
logo
DDK Ltd.
CE02-6A10SLSW-D DDK-CE02-6A10SLSW-D Datasheet
752Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE02-6A10SL-3CS-D DDK-CE02-6A10SL-3CS-D Datasheet
751Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE02-6A DDK-CE02-6A Datasheet
209Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
WEBSP1303MXG-1-D DDK-WEBSP1303MXG-1-D Datasheet
301Kb / 8P
   Waterproof Circular Connectors for Solder Terminations Meeting IP67
EBSP1303MXG-D DDK-EBSP1303MXG-D Datasheet
281Kb / 6P
   Moistureproof Circular Connectors for Solder Terminations Meeting IP55
CE05 DDK-CE05 Datasheet
441Kb / 10P
   Waterproof Circular Connectors Conforming to European Safety Standards
CE05-2A10SL-3PC-D DDK-CE05-2A10SL-3PC-D Datasheet
1Mb / 10P
   Waterproof Circular Connectors Conforming to European Safety Standards
logo
Hirose Electric
HMS08A18-10S-DT10D HIROSE-HMS08A18-10S-DT10D Datasheet
1Mb / 20P
   MS type Lower Profile Plug(Circular connector conforming to MIL-C-5015)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com