Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE1732 Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE1732
Description  Integrated Circuit Module, Hybrid, TV Voltage Regulator w/4W Audio Output
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1732 Datasheet(HTML) 2 Page - NTE Electronics

  NTE1732 Datasheet HTML 1Page - NTE Electronics NTE1732 Datasheet HTML 2Page - NTE Electronics NTE1732 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Power Supply Block
Output Voltage
VO
Vindc = 158V, IO = 0.5A, Note 1
134.2 135.2 136.2
V
Output Voltage Fluctuation
Against Input Voltage
Vindc = 151V to 174V, IO = 0.5A
–1
+1
V
Against Output Current
Vindc = 158V, IO = 0.2A to 0.5A
0.5
V
Output Voltage Temperature Factor
Vindc = 158V, IO = 0.5A
7
mV/
°C
Ripple Compression Rate
Vac = 120V, IO= 0.5A
37
dB
Withstanding Voltage Between
Input and Output Pins
TR1, ICEO = 10mA
200
V
Saturation Voltage Between
Input and Output Pins
TR1, IB = 10mA, IC = 1A
0.2
V
DC Current Gain
hFE
TR1, VCE = 5V, IC = 1A
1500
6500
Audio Output (Vindc = 158V, IO = 200mA, Rg = 600Ω, RL2 = 440Ω unless otherwise specified)
Quiescent Current
ICCO
Vindc = 135V, Pin6
3
5
10
mA
Output Power
PO
THD = 10%, f = 1kHz
4.0
5.0
W
Total Harmonic Distortion
THD
PO = 0.1W, f = 1kHz
2
%
Voltage Gain
VG
PO = 0.1W, f = 1kHz
47
49
51
dB
Frequency Response
fL, fH
PO = 0.1W, ±6dB
70 to 10k
Hz
Output Noise Voltage
VNO
Rg = 0Ω
2.0
mV
Middle–Point Voltage
VN
Pin9
66.5
68.5
70.5
V
Note 1. Measure within 5 min. after switch is on.
Note 2. Unless otherwise specified, voltage regulated power supply is used.
Bypass
Bias Resistor
GND
AF Output
Reg Drive
No Pin
Reg Voltage Output
Bootstrap
(–) DC Input
No Pin
(+) DC Input
AF Input
12
11
10
9
8
7
6
5
4
3
2
1
Pin Connection Diagram
(Front View)


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn