Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE1732 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE1732
Description  Integrated Circuit Module, Hybrid, TV Voltage Regulator w/4W Audio Output
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE1732 Datasheet(HTML) 1 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTE1732
Integrated Circuit
Module, Hybrid, TV Voltage Regulator
w/4W Audio Output
Features:
D Series Regulator and Audio Output Amp Incorporated into a Single Package
D Low Power Dissipation, Low Distortion, High Gain
D Excellent Heat Radiation and Thermal Stability
Functions:
D Line Operated Series Regulator
D Line Operated Audio Output Amp
Applications:
D NTSC System Color Television Sets
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Maximum Input Voltage (Between Pin1 and Pin4), Vinmax
200V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Supply Voltage (Between Pin8 and Pin11), VCCmax
160V
. . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Output Current (Pin6), IOmax
1A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Collector Output Current (TR5, TR6), ICmax
1A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Case Temperature, TC
+105
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature, TJ
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–30
° to +105°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Case (TR1), RthJC1
1.8
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Case (TR5, TR6), RthJC2
12.5
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . .
Allowable Load Shorting Time (Vindc = 158V, RL = 8Ω, PO = 1W, f = 50Hz), ts
2sec
. . . . . . . . . . . . .


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn