Electronic Components Datasheet Search |
|
AM4544C Datasheet(PDF) 2 Page - Analog Power |
|
AM4544C Datasheet(HTML) 2 Page - Analog Power |
2 / 7 page Analog Power AM4544C Parameter Symbol Test Conditions Min Typ Max Unit VDS = VGS, ID = 250 uA (Nch) 1 V VDS = VGS, ID = -250 uA (Pch) -1 V Gate-Body Leakage IGSS VDS = 0 V, VGS = ±20 V ±100 nA VDS = 32 V, VGS = 0 V (Nch) 1 VDS = -32 V, VGS = 0 V (Pch) -1 VDS = 5 V, VGS = 10 V (Nch) 9 A VDS = -5 V, VGS = -10 V (Pch) -7 A VGS = 10 V, ID = 2 A (Nch) 30 VGS = 4.5 V, ID = 1.6 A (Nch) 38 VGS = -10 V, ID = -2 A (Pch) 45 VGS = -4.5 V, ID = -1.6 A (Pch) 63 VDS = 15 V, ID = 2 A (Nch) 6 S VDS = -15 V, ID = -2 A (Pch) 5 S IS = 1.35 A, VGS = 0 V (Nch) 0.78 V IS = -1.25 A, VGS = 0 V (Pch) -0.81 V Total Gate Charge Qg 3.5 Gate-Source Charge Qgs 1.1 Gate-Drain Charge Qgd 1.6 Turn-On Delay Time td(on) 3 Rise Time tr 6 Turn-Off Delay Time td(off) 17 Fall Time tf 6 Input Capacitance Ciss 287 Output Capacitance Coss 42 Reverse Transfer Capacitance Crss 34 Total Gate Charge Qg 15 Gate-Source Charge Qgs 4.4 Gate-Drain Charge Qgd 5.1 Turn-On Delay Time td(on) 7 Rise Time tr 6 Turn-Off Delay Time td(off) 52 Fall Time tf 19 Input Capacitance Ciss 1264 Output Capacitance Coss 110 Reverse Transfer Capacitance Crss 84 N - Channel VDS = 15 V, VGS = 0 V, f = 1 Mhz pF nC P - Channel VDS = -20 V, RL = 10 Ω, ID = -2 A, VGEN = -10 V, RGEN = 6 Ω ns VGS(th) ID(on) IDSS rDS(on) VSD N - Channel VDS = 20 V, VGS = 4.5 V, ID = 2 A P - Channel VDS = -20 V, VGS = -4.5 V, ID = -2 A uA mΩ mΩ P - Channel VDS = -15 V, VGS = 0 V, f = 1 Mhz pF Diode Forward Voltage a Dynamic b nC N - Channel VDS = 20 V, RL = 10 Ω, ID = 2 A, VGEN = 10 V, RGEN = 6 Ω ns Static Electrical Characteristics Forward Transconductance a gfs On-State Drain Current a Gate-Source Threshold Voltage Zero Gate Voltage Drain Current Drain-Source On-Resistance a © Preliminary 2 Publication Order Number: DS_AM4544C_1A |
Similar Part No. - AM4544C |
|
Similar Description - AM4544C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |