Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ABU2516 Datasheet(PDF) 2 Page - Advanced Semiconductor Business Inc.

Part # ABU2516
Description  5 ~ 1400 MHz CATV Push-pull Amplifier MMIC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ABU2516 Datasheet(HTML) 2 Page - Advanced Semiconductor Business Inc.

  ABU2516 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ABU2516 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ABU2516 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ABU2516 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ABU2516 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ABU2516 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ABU2516 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ABU2516 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ABU2516 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2/12
ASB Inc.
 sales@asb.co.kr
September 2017
ABU2516
2. Summary on Product Performances
2.1
Typical Performance
Supply voltage = +5 V, TA = +25
C, ZO = 75 
Parameter
Typical
Unit
Frequency
5
50
300
MHz
Noise Figure
3.8
2.4
2.3
dB
Gain
17.3
17.6
17.4
dB
S11
-20
-18
-20
dB
S22
-17
-20
-20
dB
Output IP3
401)
432)
432)
dBm
Output IP23)
63
71
71
dBm
Output P1dB
24
26
26
dBm
CSO
684)
dBc
CTB
624)
dBc
Current
280
mA
Device Voltage
+5
V
1) OIP3 is measured with two tones at an output power of +10 dBm/tone separated by 1 MHz.
2) OIP3 is measured with two tones at an output power of +10 dBm/tone separated by 6 MHz.
3) OIP2 is measured with two tones at an output power of +10 dBm/tone separated by 6 MHz.
4) CSO & CTB measured at Pout = 102 dB
V flat for NTSC 77 channels.
2.2
Product Specification
Supply voltage = +5 V, TA = +25
C, ZO = 75 
Parameter
Min
Typ
Max
Unit
Frequency
50
MHz
Noise Figure
2.4
dB
Gain
16.6
17.6
18.6
dB
S11
-18
dB
S22
-20
dB
Output IP31)
43
dBm
Output IP22)
71
dBm
Output P1dB
26
dBm
Current
240
280
320
mA
Device Voltage
+5
V
1) OIP3 is measured with two tones at an output power of +10 dBm/tone separated by 6 MHz.
2) OIP2 is measured with two tones at an output power of +10 dBm/tone separated by 6 MHz.


Similar Part No. - ABU2516

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ABU2513 ASB-ABU2513 Datasheet
820Kb / 12P
   5 ~ 1400 MHz CATV Push-pull Amplifier MMIC
September 2017
ABU2518 ASB-ABU2518 Datasheet
779Kb / 12P
   5 ~ 1400 MHz CATV Push-pull Amplifier MMIC
September 2017
More results

Similar Description - ABU2516

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ABU2518 ASB-ABU2518 Datasheet
779Kb / 12P
   5 ~ 1400 MHz CATV Push-pull Amplifier MMIC
September 2017
ABU2513 ASB-ABU2513 Datasheet
820Kb / 12P
   5 ~ 1400 MHz CATV Push-pull Amplifier MMIC
September 2017
ABB2518 ASB-ABB2518 Datasheet
577Kb / 8P
   5 ~ 1200 MHz CATV Push-Pull Amplifier MMIC
August 2017
ABB2516 ASB-ABB2516 Datasheet
574Kb / 8P
   50 ~ 1200 MHz CATV Push-Pull Amplifier MMIC
August 2017
ABB2513 ASB-ABB2513 Datasheet
571Kb / 8P
   50 ~ 1200 MHz CATV Push-Pull Amplifier MMIC
August 2017
ASL39D2 ASB-ASL39D2 Datasheet
2Mb / 29P
   1.2GHz CATV Push-pull Amplifier MMIC
July 2017
ASL920 ASB-ASL920 Datasheet
921Kb / 18P
   1.2GHz CATV Push-pull Amplifier MMIC
March 2017
ASL882 ASB-ASL882 Datasheet
874Kb / 16P
   1.2GHz CATV Push-pull Amplifier MMIC
March 2017
AWB31D7 ASB-AWB31D7_17 Datasheet
846Kb / 15P
   1.2GHz CATV Push-pull Amplifier MMIC
June 2017
ASL912 ASB-ASL912 Datasheet
885Kb / 16P
   1.2GHz CATV Push-pull Amplifier MMIC
June 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com