Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE62CA Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # P6KE62CA
Description  Voltage 6.8V ~ 480V 600 Peak Power / 5.0W Steady State 600W Peak Power TVS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

P6KE62CA Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  P6KE62CA Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH P6KE62CA Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH P6KE62CA Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
P6KE SERIES
Voltage 6.8V ~ 480V
600 Peak Power / 5.0W Steady State
600W Peak Power TVS
27-Oct-2014 Rev. F
Page 2 of 3
0
25
50
75
100
0
25
50
75
100
125
150
175
200
Ambient Temperature ,Ta (℃)
TYPICAL CHARACTERISTICS
Fig. 1 - Pulse Derating Curve
TJ = TJ max.
8.3 ms Single Half Sine-Wav e
0
20
40
60
80
100
110
100
Number of Cy cles at 60 Hz
Fig. 2 - Maximum Non-Repetitive
0.0
1.0
2.0
3.0
4.0
5.0
0
25
50
75
100
125
150
175
200
Lead Temperature , T
L (℃ )
Fig. 3 - Steady State Power Derating
0.1
1
10
100
0.1
1
10
100
1000
10000
Pulse Width, td
0.1μs1μs10μs100μs
1ms
10ms
Fig. 4 - Peak Pulse Power Rating
0
50
100
01234
Time , (ms)
TJ = 25 °C
Pulse Width (td) is def ined as the
point where the peak current decay s
to 50 % of IPPM
10/1000 μsec. Wav ef orm
as def ined by R.E.A.
Tr=10μs
Peak Value ,
(Ipp)
Half Value = Ipp
2
td
Fig. 5 - Pulse


Similar Part No. - P6KE62CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE62CA PANJIT-P6KE62CA Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
SUNMATE electronic Co.,...
P6KE62CA SUNMATE-P6KE62CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
logo
Pan Jit International I...
P6KE62CA PANJIT-P6KE62CA Datasheet
85Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
P6KE62CA LEIDITECH-P6KE62CA Datasheet
775Kb / 5P
   600W Transient Voltage Suppressor
logo
Socay Electornics Co., ...
P6KE62CA SOCAY-P6KE62CA Datasheet
504Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
More results

Similar Description - P6KE62CA

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
P6KE6.8 SECOS-P6KE6.8 Datasheet
191Kb / 4P
   600W Peak Power / 5.0W Steady State 600W Peak Power TVS
1.5KE6.8 SECOS-1.5KE6.8 Datasheet
218Kb / 4P
   VOLTAGE 6.8V ~ 440V 1500W Peak Power / 5.0W Steady State 1500W Peak Power TVS
1.5KE SECOS-1.5KE Datasheet
332Kb / 3P
   Voltage 6.8V ~ 550V 1500W Peak Power / 5.0W Steady State 1500W Peak Power TVS
1.5KE SECOS-1.5KE_15 Datasheet
332Kb / 3P
   1500W Peak Power 5.0W Steady State 1500W Peak Power TVS
P4KES SECOS-P4KES Datasheet
57Kb / 3P
   Voltage 6.8V ~ 440V 400 Peak Power / 1.0W Steady State 400W Peak Power TVS
P4KE6.8 SECOS-P4KE6.8 Datasheet
194Kb / 4P
   400W Peak Power / 1.0W Steady State 400W Peak Power TVS
P6KE SECOS-P6KE_15 Datasheet
110Kb / 3P
   600W Peak Power TVS
SMBJ SECOS-SMBJ Datasheet
422Kb / 4P
   600W Peak Power Surface Mount TVS
SMBJ SECOS-SMBJ_15 Datasheet
79Kb / 4P
   600W Peak Power Surface Mount TVS
logo
Rectron Semiconductor
TFMBJ RECTRON-TFMBJ Datasheet
1,016Kb / 4P
   GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com