Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5620C Datasheet(PDF) 10 Page - Texas Instruments

Part # TLC5620C
Description  QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5620C Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC5620C Datasheet HTML 2Page - Texas Instruments TLC5620C Datasheet HTML 3Page - Texas Instruments TLC5620C Datasheet HTML 4Page - Texas Instruments TLC5620C Datasheet HTML 5Page - Texas Instruments TLC5620C Datasheet HTML 6Page - Texas Instruments TLC5620C Datasheet HTML 7Page - Texas Instruments TLC5620C Datasheet HTML 8Page - Texas Instruments TLC5620C Datasheet HTML 9Page - Texas Instruments TLC5620C Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
TLC5620C, TLC5620I
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS081E – NOVEMBER 1994 – REVISED NOVEMBER 2001
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 13
1
10
100
f – Frequency – kHz
RELATIVE GAIN
vs
FREQUENCY
1000
0
– 2
– 4
– 6
– 8
– 10
– 12
– 14
– 16
– 18
– 20
VDD = 5 V
TA = 25°C
Vref = 1.25 Vdc + 2 Vpp
Input Code = 255
Figure 14
1
10
100
1000
f – Frequency – kHz
RELATIVE GAIN
vs
FREQUENCY
10000
10
0
– 10
– 20
– 30
– 40
– 50
– 60
VDD = 5 V
TA = 25°C
Vref = 2 Vdc + 0.5 Vpp
Input Code = 255
APPLICATION INFORMATION
NOTE A: Resistor R
w 10 kΩ
R
TLC5620
DACA
DACB
DACD
_
+
VO
Figure 15. Output Buffering Scheme


Similar Part No. - TLC5620C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5620C TI-TLC5620C Datasheet
190Kb / 13P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI1-TLC5620C Datasheet
395Kb / 17P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620CD TI-TLC5620CD Datasheet
190Kb / 13P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620CD TI1-TLC5620CD Datasheet
395Kb / 17P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620CDG4 TI1-TLC5620CDG4 Datasheet
395Kb / 17P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - TLC5620C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5620CDR TI1-TLV5620CDR Datasheet
721Kb / 16P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226 TI1-TLC7226 Datasheet
457Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI-TLC5620C Datasheet
190Kb / 13P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620C TI-TLV5620C Datasheet
196Kb / 14P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226C TI1-TLC7226C Datasheet
227Kb / 18P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7225 TI1-TLC7225 Datasheet
337Kb / 22P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI1-TLC5620C_08 Datasheet
395Kb / 17P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7225C TI-TLC7225C Datasheet
289Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620IDR TI-TLV5620IDR Datasheet
734Kb / 16P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226C TI-TLC7226C_15 Datasheet
964Kb / 24P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com