Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SY88933V Datasheet(PDF) 5 Page - Micrel Semiconductor

Part No. SY88933V
Description  3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

SY88933V Datasheet(HTML) 5 Page - Micrel Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
SY88933V
Micrel
DETAILED DESCRIPTION
The SY88933V low-power limiting post amplifier operates
from a single +3.3V or +5V power supply, over temperatures
from –40
°C to +85°C. Signals with data rates up to 1.25Gbps
and as small as 5mVp-p can be amplified. Figure 1 shows
the allowed input voltage swing. The SY88933V generates
an SD output. SD
LVL sets the sensitivity of the input
amplitude detection.
Input Amplifier/Buffer
Figure 2 shows a simplified schematic of the SY88933V's
input stage. The high-sensitivity of the input amplifier allows
signals as small as 5mVp-p to be detected and amplified.
The input amplifier allows input signals as large as
1800mVp-p. Input signals are linearly amplified with a
typically 38dB differential voltage gain. Since it is a limiting
amplifier, the SY88933V outputs typically 1500mVp-p
voltage-limited waveforms for input signals that are greater
than 18mVp-p. Applications requiring the SY88933V to
operate with high-gain should have the upstream TIA placed
as close as possible to the SY88933V’s input pins to ensure
the best performance of the device.
Output Buffer
The SY88933V’s PECL output buffer is designed to drive
50
Ω lines. The output buffer requires appropriate termination
for proper operation. An external 50
Ω resistor to V
CC–2V
for each output pin provides this. Figure 3 shows a simplified
schematic of the output stage and includes an appropriate
termination method.
Signal-Detect
The SY88933V generates a chatter-free SD open-collector
TTL output with internal 6.75k
Ω pullup resistor as shown in
Figure 4. SD is used to determine that the input amplitude
is large enough to be considered a valid input. SD asserts
high if the input amplitude rises above the threshold set by
SD
LVL and deasserts low otherwise. SD can be fed back to
the enable (EN) input to maintain output stability under a
loss of signal condition. EN deasserts the true output signal
without removing the input signals. Typically 4.6dB SD
hysteresis is provided to prevent chattering.
Signal-Detect Level Set
A programmable SD level set pin (SDLVL) sets the
threshold of the input amplitude detection. Connecting an
external resistor between V
CC and SDLVL sets the voltage
at SD
LVL. This voltages ranges from VCC to VREF. The
external resistor creates a voltage divider between V
CC and
V
REF as shown in Figure 5. If desired, an appropriate
external voltage may be applied rather than using a resistor.
The smaller the external resistor, implying a smaller voltage
difference from SD
LVL to VCC, the smaller the SD sensitivity.
Hence, larger input amplitude is required to assert SD.
“Typical Operating Characteristics” shows the relationship
between the input amplitude detection sensitivity and the
SDLVL voltage.
Hysteresis
The SY88933V provides typically 4.6dB SD electrical
hysteresis. By definition, a power ratio measured in dB is
10log(power ratio). Power is calculated as V2
IN/R for an
electrical signal. Hence the same ratio can be stated as
20log(voltage ratio). While in linear mode, the electrical
voltage input changes linearly with the optical power and
hence the ratios change linearly. Therefore, the optical
hysteresis in dB is half the electrical hysteresis in dB given
in the datasheet. The SY88933V provides typically 2.3dB
SD optical hysteresis. As the SY88933V is an electrical
device, this datasheet refers to hysteresis in electrical terms.
With 6dB SD hysteresis, a voltage factor of two is required
to assert or deassert SD.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn