Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGT30NL65D Datasheet(PDF) 6 Page - Rohm

Part # RGT30NL65D
Description  650V 15A Field Stop Trench IGBT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RGT30NL65D Datasheet(HTML) 6 Page - Rohm

Back Button RGT30NL65D Datasheet HTML 2Page - Rohm RGT30NL65D Datasheet HTML 3Page - Rohm RGT30NL65D Datasheet HTML 4Page - Rohm RGT30NL65D Datasheet HTML 5Page - Rohm RGT30NL65D Datasheet HTML 6Page - Rohm RGT30NL65D Datasheet HTML 7Page - Rohm RGT30NL65D Datasheet HTML 8Page - Rohm RGT30NL65D Datasheet HTML 9Page - Rohm RGT30NL65D Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
www.rohm.com
© 2017 ROHM Co., Ltd. All rights reserved.
Datasheet
RGT30NL65D
Electrical Characteristic Curves
Fig.5 Typical Output Characteristics
Collector To Emitter Voltage : VCE[V]
Fig.6 Typical Output Characteristics
Collector To Emitter Voltage : VCE[V]
Fig.7 Typical Transfer Characteristics
Gate To Emitter Voltage : VGE [V]
Fig.8 Typical Collector To Emitter Saturation Voltage
vs. Junction Temperature
Junction Temperature : Tj [ºC]
0
5
10
15
20
25
30
35
40
45
012345
Tj= 175ºC
VGE= 20V
VGE= 12V
VGE= 8V
VGE= 15V
VGE= 10V
0
5
10
15
20
25
30
35
40
45
0123
45
Tj= 25ºC
VGE= 20V
VGE= 15V
VGE= 12V
VGE= 10V
VGE= 8V
0
5
10
15
20
25
30
0
246
8
10
12
VCE= 10V
Tj= 25ºC
Tj= 175ºC
0
1
2
3
4
25
50
75
100
125
150
175
IC= 30A
IC= 8A
IC= 15A
VGE= 15V
6/11
2017.05 - Rev.A


Similar Part No. - RGT30NL65D

ManufacturerPart #DatasheetDescription
logo
Rohm
RGT30NS65D ROHM-RGT30NS65D Datasheet
789Kb / 12P
   650V 15A Field Stop Trench IGBT
More results

Similar Description - RGT30NL65D

ManufacturerPart #DatasheetDescription
logo
Rohm
RGT30NS65D ROHM-RGT30NS65D Datasheet
789Kb / 12P
   650V 15A Field Stop Trench IGBT
logo
Shenzhen Huazhimei Semi...
HMG15N65 HMSEMI-HMG15N65 Datasheet
1Mb / 10P
   650V /15A Trench Field Stop IGBT
logo
Rohm
RGT30TM65D ROHM-RGT30TM65D Datasheet
1Mb / 13P
   650V 15A Field Stop Trench IGBT
RGS30TSX2D ROHM-RGS30TSX2D Datasheet
1Mb / 12P
   1200V 15A Field Stop Trench IGBT
RGT40TS65D ROHM-RGT40TS65D Datasheet
733Kb / 12P
   650V 20A Field Stop Trench IGBT
RGS00TS65D ROHM-RGS00TS65D Datasheet
976Kb / 13P
   650V 50A Field Stop Trench IGBT
RGTH60TS65 ROHM-RGTH60TS65 Datasheet
1Mb / 11P
   650V 30A Field Stop Trench IGBT
RGTV00TS65 ROHM-RGTV00TS65 Datasheet
1Mb / 11P
   650V 50A Field Stop Trench IGBT
RGT40NS65D ROHM-RGT40NS65D Datasheet
845Kb / 12P
   650V 20A Field Stop Trench IGBT
RGTH60TK65D ROHM-RGTH60TK65D Datasheet
885Kb / 13P
   650V 30A Field Stop Trench IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com