Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGS60TS65D Datasheet(PDF) 4 Page - Rohm

Part # RGS60TS65D
Description  650V 30A Field Stop Trench IGBT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RGS60TS65D Datasheet(HTML) 4 Page - Rohm

  RGS60TS65D Datasheet HTML 1Page - Rohm RGS60TS65D Datasheet HTML 2Page - Rohm RGS60TS65D Datasheet HTML 3Page - Rohm RGS60TS65D Datasheet HTML 4Page - Rohm RGS60TS65D Datasheet HTML 5Page - Rohm RGS60TS65D Datasheet HTML 6Page - Rohm RGS60TS65D Datasheet HTML 7Page - Rohm RGS60TS65D Datasheet HTML 8Page - Rohm RGS60TS65D Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
Data Sheet
RGS60TS65D
lFRD Electrical Characteristics (at T
j = 25°C unless otherwise specified)
VCC = 400V
diF/dt = 200A/μs
Tj = 25°C
VCC = 400V
diF/dt = 200A/μs
Tj = 175°C
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Diode Forward Voltage
VF
IF = 30A
V
Tj = 25°C
-
1.45
1.90
Tj = 175°C
-
1.55
-
ns
Diode Peak Reverse Recovery
Current
Irr
IF = 30A
-
7.1
-
A
Diode Reverse Recovery Time
trr
-
103
-
-
trr
-
242
-
Diode Reverse Recovery Energy
Err
-
15
-
μJ
Diode Peak Reverse Recovery
Current
Irr
IF = 30A
-
9.8
-
Diode Reverse Recovery Energy
Err
-
113
-
μC
μC
Diode Reverse Recovery
Charge
Qrr
-
1.3
A
μJ
Diode Reverse Recovery Time
Diode Reverse Recovery
Charge
Qrr
-
0.4
-
ns
4/11
2016.07 - Rev.A


Similar Part No. - RGS60TS65D

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RGS OHMITE-RGS Datasheet
523Kb / 3P
   (Potentiometers) Wirewound
logo
ORing Industrial Networ...
RGS-9168GCP ORING-RGS-9168GCP Datasheet
581Kb / 7P
   Industrial 24-port rack mount managed Gigabit Ethernet switch
RGS-9168GCP-E_EU ORING-RGS-9168GCP-E_EU Datasheet
581Kb / 7P
   Industrial 24-port rack mount managed Gigabit Ethernet switch
RGS-9168GCP-E_JP ORING-RGS-9168GCP-E_JP Datasheet
581Kb / 7P
   Industrial 24-port rack mount managed Gigabit Ethernet switch
RGS-9168GCP-E_UK ORING-RGS-9168GCP-E_UK Datasheet
581Kb / 7P
   Industrial 24-port rack mount managed Gigabit Ethernet switch
More results

Similar Description - RGS60TS65D

ManufacturerPart #DatasheetDescription
logo
Rohm
RGTH60TS65 ROHM-RGTH60TS65 Datasheet
1Mb / 11P
   650V 30A Field Stop Trench IGBT
RGTH60TK65D ROHM-RGTH60TK65D Datasheet
885Kb / 13P
   650V 30A Field Stop Trench IGBT
RGTH60TK65 ROHM-RGTH60TK65 Datasheet
743Kb / 11P
   650V 30A Field Stop Trench IGBT
RGTH60TS65D ROHM-RGTH60TS65D Datasheet
731Kb / 12P
   650V 30A Field Stop Trench IGBT
TGTH60TS65 ROHM-TGTH60TS65 Datasheet
683Kb / 10P
   650V 30A Field Stop Trench IGBT
RGT60TS65D ROHM-RGT60TS65D Datasheet
731Kb / 12P
   650V 30A Field Stop Trench IGBT
RGCL60TK60 ROHM-RGCL60TK60 Datasheet
759Kb / 11P
   650V 30A Field Stop Trench IGBT
RGTV60TS65D ROHM-RGTV60TS65D Datasheet
1Mb / 13P
   650V 30A Field Stop Trench IGBT
RGTV60TS65 ROHM-RGTV60TS65 Datasheet
1Mb / 11P
   650V 30A Field Stop Trench IGBT
RGTV60TK65 ROHM-RGTV60TK65 Datasheet
1Mb / 10P
   650V 30A Field Stop Trench IGBT
2017.10 - Rev.A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com