Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN65LVDS048A Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part No. SN65LVDS048A
Description  LVDS QUAD DIFFERENTIAL LINE RECEIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS048A Datasheet(HTML) 3 Page - Texas Instruments

  SN65LVDS048A Datasheet HTML 1Page - Texas Instruments SN65LVDS048A Datasheet HTML 2Page - Texas Instruments SN65LVDS048A Datasheet HTML 3Page - Texas Instruments SN65LVDS048A Datasheet HTML 4Page - Texas Instruments SN65LVDS048A Datasheet HTML 5Page - Texas Instruments SN65LVDS048A Datasheet HTML 6Page - Texas Instruments SN65LVDS048A Datasheet HTML 7Page - Texas Instruments SN65LVDS048A Datasheet HTML 8Page - Texas Instruments SN65LVDS048A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SN65LVDS048A
LVDS QUAD DIFFERENTIAL LINE RECEIVER
SLLS451B– SEPTEMBER 2000 – REVISED SEPTEMBER 2002
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
3
3.3
3.6
V
Receiver input voltage
GND
3
V
Common–mode input voltage, VIC
|V
ID
|
2
2.4
*
|V
ID
|
2
V
VCC – 0.8
Operating free-air temperature, TA
–40
25
85
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Note 3)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIT+
Differential input high threshold voltage
VCM = 1.2 V, 0.05 V, 2.35 V
100
mV
VIT–
Differential input low threshold voltage
VCM = 1.2 V, 0.05 V, 2.35 V
(see Note 4)
–100
mV
V(CMR)
Common mode voltage range
VID = 200 mV pk to pk (see Note 5)
0.1
2.3
V
VIN = 2.8 V
V
3 6Vor0V
–20
±1
20
µA
IIN
Input current
VIN = 0 V
VCC = 3.6 V or 0 V
–20
±1
20
µA
IIN
In ut current
VIN = 3.6 V
VCC = 0 V
–20
±1
20
µA
IOH = –0.4 mA, VID = 200 mV
2.7
3.2
V
VOH
Output high voltage
IOH = –0.4 mA, input terminated
2.7
3.2
V
VOH
Out ut high voltage
IOH = –0.4 mA, input shorted
2.7
3.2
V
VOL
Output low voltage
IOL = 2 mA, VID = –200 mV
0.05
0.25
V
IOS
Output short circuit current
Enabled, VOUT = 0 V (see Note 6)
–65
–100
mA
IO(Z)
Output 3-state current
Disabled, VOUT = 0 V or VCC
–1
1
µA
VIH
Input high voltage
2.0
VCC
V
VIL
Input low voltage
GND
0.8
V
II
Input current (enables)
VIN = 0 V or VCC,
Other input = VCC or GND
–10
10
µA
VIK
Input clamp voltage
ICL = –18 mA
–1.5
–0.8
V
ICC
No load supply current, receivers enabled
EN = VCC, Inputs open
8
15
mA
ICC(Z)
No load supply current, receivers disabled
EN = GND, Inputs open
0.6
1.5
mA
† All typical values are at 25
°C and with a 3.3-V supply.
NOTES:
3. Current into device pin is defined as positive. Current out of the device is defined as negative. All voltages are referenced to ground,
unless otherwise specified.
4. VCC is always higher than RIN+ and RIN– voltage, RIN– and RIN+ have a voltage range of –0.2 V to VCC–VID/2. To be compliant with
ac specifications the common voltage range is 0.1 V to 2.3 V.
5. The VCMR range is reduced for larger VID, Example: If VID = 400 mV, the VCMR is 0.2 V to 2.2 V. The fail-safe condition with inputs
shorted is not supported over the common-mode range of 0 V to 2.4 V, but is supported only with inputs shorted and no external
common-mode voltage applied. A VID up to VCC–0 V may be applied to the RIN+ and RIN– inputs with the common-mode voltage
set to VCC/2. Propagation delay and differential pulse skew decrease when VID is increased from 200 mV to 400 mV. Skew
specifications apply for 200 mV < VID < 800 mV over the common-mode range.
6. Output short circuit current (IOS) is specified as magnitude only, minus sign indicates direction only. Only one output should be
shorted at a time. Do not exceed maximum junction temperature specification.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SN65LVDS048 LVDS QUAD DIFFERENTIAL LINE RECEIVER 1  Texas Instruments
DS90LV032A 3V LVDS Quad CMOS Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
DS90LV048A 3V LVDS Quad CMOS Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
DS90C032 LVDS Quad CMOS Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
MNDS90C032-X-RH LVDS Quad CMOS Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
DS90C032B LVDS Quad CMOS Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
NTE2632 Integrated Circuit Quad Differential Line Receiver 1  2  3  NTE Electronics
DS90LT012AH High Temperature 3V LVDS Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
HS-26CT32RH-T Radiation Hardened Quad Differential Line Receiver 1  2  3  Intersil Corporation
DS90LV012A 3V LVDS Single CMOS Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn