Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN65LVDS048A Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part No. SN65LVDS048A
Description  LVDS QUAD DIFFERENTIAL LINE RECEIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS048A Datasheet(HTML) 5 Page - Texas Instruments

  SN65LVDS048A Datasheet HTML 1Page - Texas Instruments SN65LVDS048A Datasheet HTML 2Page - Texas Instruments SN65LVDS048A Datasheet HTML 3Page - Texas Instruments SN65LVDS048A Datasheet HTML 4Page - Texas Instruments SN65LVDS048A Datasheet HTML 5Page - Texas Instruments SN65LVDS048A Datasheet HTML 6Page - Texas Instruments SN65LVDS048A Datasheet HTML 7Page - Texas Instruments SN65LVDS048A Datasheet HTML 8Page - Texas Instruments SN65LVDS048A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SN65LVDS048A
LVDS QUAD DIFFERENTIAL LINE RECEIVER
SLLS451B– SEPTEMBER 2000 – REVISED SEPTEMBER 2002
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Generator
50
50
RIN+
RIN–
CL
ROUT
Receiver Enabled
R
Figure 1. Receiver Propagation Delay and Transition Time Test Circuit
OV Differential
VID = 200 mV
1.2 V
tPLH
tPHL
tr
tf
80%
80%
1.5 V
1.5 V
1.3 V
1.1 V
VOH
VOL
RIN–
RIN+
ROUT
20%
20%
Figure 2. Receiver Propagation Delay and Transition Time Waveforms


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SN65LVDS048 LVDS QUAD DIFFERENTIAL LINE RECEIVER 1  Texas Instruments
DS90LV032A 3V LVDS Quad CMOS Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
DS90LV048A 3V LVDS Quad CMOS Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
DS90C032 LVDS Quad CMOS Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
MNDS90C032-X-RH LVDS Quad CMOS Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
DS90C032B LVDS Quad CMOS Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
NTE2632 Integrated Circuit Quad Differential Line Receiver 1  2  3  NTE Electronics
DS90LT012AH High Temperature 3V LVDS Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
HS-26CT32RH-T Radiation Hardened Quad Differential Line Receiver 1  2  3  Intersil Corporation
DS90LV012A 3V LVDS Single CMOS Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn