Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD123S Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # STD123S
Description  SOT-23 Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

STD123S Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  STD123S Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd STD123S Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd STD123S Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd STD123S Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0
25
50
75
100
125
150
0
50
100
150
200
250
300
350
400
0.1
1
10
1
10
100
1
10
100
1000
10
100
1000
01
23
45
0
100
200
300
400
0.1
1
10
100
1000
200
400
600
800
1000
1200
1
10
100
1000
1
10
100
1000
AMBIENT TEMPERATURE T
a
( )
P
C
——
T
a
20
C
ob
C
ib
f=1MHz
I
E=0 / IC=0
T
a=25
V
CB
/ V
EB
C
ob
/ C
ib
——
REVERSE VOLTAGE V (V)
I
C
h
FE
——
COLLECTOR CURRENT I
C
(mA)
T
a=25
T
a=100
COMMON EMITTER
V
CE=1V
640uA
800uA
720uA
560uA
480uA
400uA
320uA
240uA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic
160uA
I
B=80uA
COMMON
EMITTER
T
a=25
COLLECTOR CURRENT I
C
(mA)
T
a=25
T
a=100
β=10
I
C
V
BEsat
——
β=10
COLLECTOR CURRENT I
C
(mA)
T
a=100
T
a=25
V
CEsat
——
I
C
www.cj-elec.com
2
A,Jun,2014
www.cj-elec.com
C,Oct,2014
Typical Characteristics


Similar Part No. - STD123S

ManufacturerPart #DatasheetDescription
logo
AUK corp
STD123S AUK-STD123S Datasheet
70Kb / 3P
   NPN Silicon Transistor
logo
KODENSHI_AUK CORP.
STD123S KODENSHI-STD123S Datasheet
252Kb / 4P
   NPN Silicon Transistor
logo
Shenzhen Jin Yu Semicon...
STD123S HTSEMI-STD123S Datasheet
944Kb / 2P
   TRANSISTOR(NPN)
logo
KODENSHI_AUK CORP.
STD123S KODENSHI-STD123S Datasheet
252Kb / 4P
   NPN Silicon Transistor
logo
Nanjing International G...
STD123S DGNJDZ-STD123S Datasheet
1Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
More results

Similar Description - STD123S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9014LT1 ETC-S9014LT1 Datasheet
1Mb / 2P
   SOT-23 Plastic-Encapsulate Transistors
logo
Avic Technology
AV9015LT1 AVICTEK-AV9015LT1 Datasheet
37Kb / 1P
   SOT-23 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
2SC2412 HDSEMI-2SC2412 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC848 HDSEMI-BC848 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
S8550-SOT-23 HDSEMI-S8550-SOT-23 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC817B HDSEMI-BC817B Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC847 HDSEMI-BC847 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
MMBTA06 HDSEMI-MMBTA06 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
S8050 HDSEMI-S8050 Datasheet
1Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
SS8050-SOT-23 HDSEMI-SS8050-SOT-23 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB709A JIANGSU-2SB709A Datasheet
662Kb / 4P
   SOT-23 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com