Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PZT4401 Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # PZT4401
Description  SOT-223 Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

PZT4401 Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  PZT4401 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd PZT4401 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd PZT4401 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd PZT4401 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
10
20
30
40
10
100
0.1
1
10
100
0
200
400
600
800
1000
0
25
50
75
100
125
150
0
200
400
600
800
1000
1200
0.1
1
10
100
10
100
1000
110
100
10
100
1000
0.1
1
10
1
10
100
0
200
400
600
800
1000
1200
0.1
1
10
100
012
34
0
50
100
150
200
250
500
600
I
C
f
T
——
COMMON EMITTER
V
CE=10V
T
a=25
COLLECTOR CURRENT I
C
(mA)
600
β
=10
I
C
V
BEsat
——
COLLECTOR CURREMT I
C
(mA)
T
a=100
T
a=25
P
C
——
T
a
AMBIENT TEMPERATURE T
a
( )
600
600
T
a=100
T
a=25
β
=10
I
C
V
CEsat
——
COLLECTOR CURREMT I
C
(mA)
0.5
I
C
h
FE
——
T
a=100
T
a=25
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
V
CE= 1V
30
f=1MHz
I
E=0/IC=0
T
a=25
V
CB
/V
EB
C
ob
/C
ib
——
C
ob
C
ib
REVERSE VOLTAGE V (V)
BASE-EMMITER VOLTAGE V
BE (mV)
I
C
——
V
BE
COMMON EMITTER
V
CE=1V
Static Characteristic
COMMON
EMITTER
T
a=25
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
1mA
0.9mA
0.8mA
0.7mA
0.6mA
0.5mA
0.2mA
0.3mA
0.4mA
I
B=0.1mA
www.cj-elec.com
2
Typical Characteristics


Similar Part No. - PZT4401

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZT4401 PHILIPS-PZT4401 Datasheet
62Kb / 8P
   NPN switching transistor
1999 May 10
PZT4401 NXP-PZT4401 Datasheet
129Kb / 7P
   NPN switching transistor
1999 May 10
logo
SeCoS Halbleitertechnol...
PZT4401 SECOS-PZT4401 Datasheet
1Mb / 2P
   Epitaxial Planar Transistor
logo
SHENZHEN YONGERJIA INDU...
PZT4401 WINNERJOIN-PZT4401 Datasheet
166Kb / 1P
   TRANSISTOR (NPN)
logo
Micro Commercial Compon...
PZT4401 MCC-PZT4401 Datasheet
552Kb / 3P
   NPN Plastic-Encapsulate Transistors
More results

Similar Description - PZT4401

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
PZT2907A JIANGSU-PZT2907A Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
PZTA94 JIANGSU-PZTA94 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
logo
Nanjing International G...
PZT3906 DGNJDZ-PZT3906 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
PZT4403 DGNJDZ-PZT4403 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
PZTA56 DGNJDZ-PZTA56 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
BCP54 DGNJDZ-BCP54 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
CZT5551 DGNJDZ-CZT5551 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
BCP69 JIANGSU-BCP69 Datasheet
1,017Kb / 3P
   SOT-223 Plastic-Encapsulate Transistors
logo
Nanjing International G...
CZT32C DGNJDZ-CZT32C Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
BCP56 DGNJDZ-BCP56 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
PZTA06 DGNJDZ-PZTA06 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com