Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA10928-BOOM-M Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA10928-BOOM-M
Description  Boom series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA10928-BOOM-M Datasheet(HTML) 1 Page - Ledil, Inc.

  CA10928-BOOM-M Datasheet HTML 1Page - Ledil, Inc. CA10928-BOOM-M Datasheet HTML 2Page - Ledil, Inc. CA10928-BOOM-M Datasheet HTML 3Page - Ledil, Inc. CA10928-BOOM-M Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT DATASHEET
Boom series
last update 30/5/2016
DETAILS
Product Number
CA10928_BOOM-M
Family
Boom
Type
RefAssy
Color
metal
Diameter
22,2 mm
Height
13,74 mm
Style
hexag
Optic Material
Holder Material
Fastening
tape
Status
production ready
ROHS Comliant
Yes
Date Updated
30/05/2016
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
MC-E
36 deg
Medium
-
2.010
-
XR-E
25 deg
Medium
-
-
-
September 21st 2017 7:28 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - CA10928-BOOM-M

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA10928 CREE-CA10928 Datasheet
257Kb / 4P
   Boom series
logo
Ledil, Inc.
CA10928 LEDIL-CA10928 Datasheet
1Mb / 4P
   ~30째 medium beam. Assembly with 0.4 mm thick installation tape.
More results

Similar Description - CA10928-BOOM-M

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA10715 CREE-CA10715 Datasheet
452Kb / 9P
   Boom series
CA10716 CREE-CA10716 Datasheet
291Kb / 5P
   Boom series
logo
Ledil, Inc.
CA10715-BOOM-S LEDIL-CA10715-BOOM-S Datasheet
452Kb / 9P
   Boom series
logo
Cree, Inc
CA10930 CREE-CA10930 Datasheet
745Kb / 13P
   Boom series
logo
Ledil, Inc.
CA10716-BOOM-S LEDIL-CA10716-BOOM-S Datasheet
291Kb / 5P
   Boom series
CA10930-BOOM-M LEDIL-CA10930-BOOM-M Datasheet
745Kb / 13P
   Boom series
CA10931-BOOM-W LEDIL-CA10931-BOOM-W Datasheet
423Kb / 10P
   Boom series
logo
Cree, Inc
CA10929 CREE-CA10929 Datasheet
366Kb / 6P
   Boom series
CA10928 CREE-CA10928 Datasheet
257Kb / 4P
   Boom series
CA12957 CREE-CA12957 Datasheet
123Kb / 4P
   Boom series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com