Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCAN92LV090 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # SCAN92LV090
Description  9 Channel Bus LVDS Transceiver with 1149.1 Access
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCAN92LV090 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  SCAN92LV090 Datasheet HTML 1Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 1 page
background image
DC Electrical Characteristics (Continued)
Over recommended operating supply voltage and temperature ranges unless otherwise specified (Notes 2, 3)
Symbol
Parameter
Conditions
Pin
Min
Typ
Max
Units
V
IH
Minimum Input High
Voltage
D
IN, DE,
RE, TCK,
TRST,
TMS, TDI
2.0
V
CC
V
V
IL
Maximum Input Low
Voltage
GND
0.8
V
I
IH
Input High Current
V
IN =VCC or 2.4V
D
IN, DE,
RE
−20
±10
+20
µA
I
IL
Input Low Current
V
IN = GND or 0.4V
−20
±10
+20
µA
V
CL
Input Diode Clamp
Voltage
I
CLAMP = −18 mA
−1.5
−0.8
V
I
IH
Input High Current
V
IN =VCC
TDI, TMS,
TCK,
TRST
-20
+20
µA
I
ILR
Input Low Current
V
IN = GND, VCC = 3.6v
TDI, TMS,
TRST
-25
-115
µA
I
IL
Input Low Current
VIN = GND
TCK
-20
+20
µA
I
CCD
Power Supply Current
Drivers Enabled,
Receivers Disabled
No Load, DE = RE = V
CC,
DIN=V
CC or GND
V
CC
50
80
mA
I
CCR
Power Supply Current
Drivers Disabled,
Receivers Enabled
DE=RE=0V, V
ID = ±300mV
50
80
mA
I
CCZ
Power Supply Current,
Drivers and Receivers
TRI-STATE®
DE = 0V; RE = V
CC,
DIN=V
CC or GND
50
80
mA
I
CC
Power Supply Current,
Drivers and Receivers
Enabled
DE=V
CC;RE=0V,
DIN=V
CC or GND,
R
L =27
160
210
mA
I
CCS
Power Supply Current
(SCAN Test Mode),
Drivers and Receivers
Enabled
DE=V
CC;RE=0V,
DIN=V
CC or GND,
R
L =27
Ω, TAP in any state other
than Test-Logic-Reset
180
230
mA
I
OFF
Power Off Leakage
Current
V
CC = 0V or OPEN,
D
IN, DE, RE = 0V or OPEN,
V
APPLIED = 3.6V (Port Pins)
DO+/RI+,
DO−/RI−
−20
+20
µA
C
OUTPUT
Capacitance @ Bus Pins
DO+/RI+,
DO−/RI−
5pF
C
OUTPUT
Capacitance @ R
OUT
R
OUT
7pF
AC Electrical Characteristics
Over recommended operating supply voltage and temperature ranges unless otherwise specified (Note 6)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DIFFERENTIAL DRIVER TIMING REQUIREMENTS
t
PHLD
Differential Prop. Delay High to Low (Note 8)
R
L =27
Ω,
Figure 2, Figure 3
C
L =10pF
1.0
1.8
2.6
ns
t
PLHD
Differential Prop. Delay Low to High (Note 8)
1.0
1.8
2.6
ns
t
SKD1
Differential Skew |t
PHLD–tPLHD| (Note 9)
120
ps
t
SKD2
Chip to Chip Skew (Note 12)
1.6
ns
t
SKD3
Channel to Channel Skew (Note 13)
0.25
0.55
ns
t
TLH
Transition Time Low to High
0.5
1.2
ns
t
THL
Transition Time High to Low
0.5
1.2
ns
www.national.com
5


Similar Part No. - SCAN92LV090

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN92LV090 NSC-SCAN92LV090 Datasheet
701Kb / 13P
   9 Channel Bus LVDS Transceiver w/ Boundary SCAN
SCAN92LV090 NSC-SCAN92LV090 Datasheet
352Kb / 14P
   9 Channel Bus LVDS Transceiver w/ Boundary SCAN
logo
Texas Instruments
SCAN92LV090 TI1-SCAN92LV090 Datasheet
613Kb / 19P
[Old version datasheet]   SCAN92LV090 9 Channel Bus LVDS Transceiver w/ Boundary SCAN
logo
National Semiconductor ...
SCAN92LV090SLC NSC-SCAN92LV090SLC Datasheet
701Kb / 13P
   9 Channel Bus LVDS Transceiver w/ Boundary SCAN
SCAN92LV090SLC NSC-SCAN92LV090SLC Datasheet
352Kb / 14P
   9 Channel Bus LVDS Transceiver w/ Boundary SCAN
More results

Similar Description - SCAN92LV090

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LV090A NSC-DS92LV090A_07 Datasheet
291Kb / 12P
   9 Channel Bus LVDS Transceiver
DS92LV090A NSC-DS92LV090A Datasheet
170Kb / 9P
   9 Channel Bus LVDS Transceiver
logo
Texas Instruments
DS92LV090A TI1-DS92LV090A_14 Datasheet
938Kb / 16P
[Old version datasheet]   9 Channel Bus LVDS Transceiver
DS92LV090AEP TI1-DS92LV090AEP Datasheet
308Kb / 14P
[Old version datasheet]   DS92LV090AEP 9 Channel Bus LVDS Transceiver
logo
National Semiconductor ...
SCAN92LV090 NSC-SCAN92LV090 Datasheet
701Kb / 13P
   9 Channel Bus LVDS Transceiver w/ Boundary SCAN
SCAN92LV090 NSC-SCAN92LV090_06 Datasheet
352Kb / 14P
   9 Channel Bus LVDS Transceiver w/ Boundary SCAN
logo
Texas Instruments
SCAN92LV090 TI1-SCAN92LV090_15 Datasheet
613Kb / 19P
[Old version datasheet]   SCAN92LV090 9 Channel Bus LVDS Transceiver w/ Boundary SCAN
logo
National Semiconductor ...
DS92LV040A NSC-DS92LV040A Datasheet
220Kb / 12P
   4 Channel Bus LVDS Transceiver
logo
Texas Instruments
DS92LV040A TI1-DS92LV040A_14 Datasheet
998Kb / 17P
[Old version datasheet]   4 Channel Bus LVDS Transceiver
SN75LBC968 TI1-SN75LBC968_09 Datasheet
415Kb / 19P
[Old version datasheet]   9-CHANNEL BUS TRANSCEIVER WITH ACTIVE TERMINATION
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com