Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H16WD6050-10 Datasheet(PDF) 3 Page - Crydom Inc.,

Part # H16WD6050-10
Description  H16WD Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

H16WD6050-10 Datasheet(HTML) 3 Page - Crydom Inc.,

  H16WD6050-10 Datasheet HTML 1Page - Crydom Inc., H16WD6050-10 Datasheet HTML 2Page - Crydom Inc., H16WD6050-10 Datasheet HTML 3Page - Crydom Inc., H16WD6050-10 Datasheet HTML 4Page - Crydom Inc., H16WD6050-10 Datasheet HTML 5Page - Crydom Inc., H16WD6050-10 Datasheet HTML 6Page - Crydom Inc., H16WD6050-10 Datasheet HTML 7Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MECHANICAL SPECIFICATIONS (4)
Tolerances: ±0.02 in / 0.5 mm
All dimensions are in: inches [millimeters]
GENERAL NOTES
For additional information or specific questions, contact Crydom Technical Support.
Screw Termination
1
OUTPUT
2
S OL I D S T A T E R EL A Y
4
INPUT
3
1.1
[27.9]
0.49
[12.4]
Mounting
Hole/Slot
0.19 [4.9]
DIA.
0.89
[22.6]
1.88
[47.6]
1.7
[43.2]
2.25
[57.3]
1.0
[25.4]
1.75
[44.5]
Hex Standoff Termination (“K” Option)
1.1
[27.9]
0.49
[12.4]
Mounting
Hole/Slot
0.19 [4.9]
DIA.
1.04
[26.4]
1.88
[47.6]
1.70
[43.2]
2.25
[57.3]
1.0
[25.4]
1.75
[44.5]
0.93
[23.6]
(4 places)
1.0
[25.4]
(2 places)
1
OUTPUT
2
S OL I D S T A T E R EL A Y
4
INPUT
3
(2)
Quick Connect Termination (“F” Option) - Up to 25 Amp (1)
1
OUTPUT
2
S OL I D S T A T E R EL A Y
4
INPUT
3
Mounting
Hole/Slot
0.19 [4.9]
DIA.
1.58
[40.2]
0.49
[12.4]
Faston Terminal(11)
0.25 x 0.032
(2 places)
1.31
[33.4]
1.88
[47.6]
1.7
[43.2]
2.25
[57.3]
1.40
[35.6]
1.75
[44.5]
Faston Terminal(11)
0.187 x 0.020
(2 places)
1.25
[31.8]
Quick Connect Termination (“F” Option) - Up to 50 Amp (1)
1
4
2
3
S OL I D S T A T E R EL A Y
OUTPUT
INPUT
Mounting
Hole/Slot
0.19 [4.9]
DIA.
1.58
[40.2]
0.49
[12.4]
Faston Terminal(11)
0.25 x 0.032
(4 places)
1.31
[33.4]
1.88
[47.6]
1.7
[43.2]
2.25
[57.3]
1.40
[35.6]
1.75
[44.5]
Faston Terminal(11)
0.187 x 0.020
(2 places)
1.25
[31.8]
0.63
[16.0]
0.45
[11.4]
(2 places)
Do not forget to visit us at: www.crydom.com
Copyright © 2016 Crydom Inc. Specifications subject to change without notice.
Datasheet
Panel Mount
(1) Single pair (up to 25A) Double pair* (50A model only). *Caution: User must connect to both pairs.
(2) Option “K” is designed and tested for use with printed circuit boards or ring/fork terminals having a thickness between 0.031 and 0.093 inches (0.79 to 2.36 mm), and loads rated up to 50 Amps.
For higher load currents, the “K” standoff temperature must not exceed 105°C. For additional application assistance please contact Crydom Technical Support.
(3) Instantaneous turn-on version is not recomended for capacitive loads. Use zero turn-on only.
(4) All parameters at 25°C unless otherwise specified.
(5) Heat sinking required, see derating curves.
(6) Increase minimum voltage by 1V for operations from -20 to -30°C.
(7) T
urn-on time for Instantaneous turn-on versions is 0.02 msec.
(8)
All parameters at 50% power rating and 100% duty cycle (contact Crydom tech support for detailed report)
(9)
Load can be wired to either SSR output terminal 1 or 2.
(10)
Elective Input Status LED, “G” option.
(11) Mechanical dimensions vary from G3 models.


Similar Part No. - H16WD6050-10

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
H16WD6050 CRYDOM-H16WD6050 Datasheet
740Kb / 7P
   panel mount
More results

Similar Description - H16WD6050-10

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
H16WD CRYDOM-H16WD Datasheet
675Kb / 5P
   H16WD Series
H16WD6025G-10 CRYDOM-H16WD6025G-10 Datasheet
946Kb / 7P
   H16WD Series
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com